Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0730 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części HCPL-0730
Szczegółowy opis  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0730 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  HCPL-0730 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0730 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
12/11/03
Page 3 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
** All typicals at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
Parameter
Test Conditions Symbol
Device
Min
Typ**
Max
Unit
COUPLED
(IF = 0.5 mA, VO = 0.4 V, VCC = 4.5V)
CTR
HCPL-0701/31
400
5000
%
Current transfer ratio
(Notes 1,2)
IF = 1.6 mA,
VO = 0.4 V,
VCC = 4.5V
HCPL-0700
300
2600
HCPL-0701
500
2600
HCPL-0730
300
5000
HCPL-0731
500
5000
Logic low output voltage
output voltage
(IF = 0.5 mA, IO = 2 mA, VCC = 4.5V)
VOL
HCPL-0701
HCPL-0731
0.4
V
(IF = 1.6 mA, IO = 8 mA, VCC = 4.5V)
0.4
(IF = 5 mA, IO = 15 mA, VCC = 4.5V)
0.4
(IF = 12 mA, IO = 24 mA, VCC = 4.5V)
0.4
(IF = 1.6 mA, IO = 4.8 mA, VCC = 4.5V)
HCPL-0700/0730
0.4
ISOLATION CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Input-output
insulation leakage current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC)
(Note 4)
II-O
1.0
µA
Withstand insulation test voltage
(RH ≤ 50%, TA = 25°C)
(Note 4, 5) ( t = 1 min.)
VISO
2500
VRMS
Resistance (input to output)
(Note 4) (VI-O = 500 VDC)
RI-O
1012


Podobny numer części - HCPL-0730

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-0730 HP-HCPL-0730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0730 AVAGO-HCPL-0730 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0730R1 FAIRCHILD-HCPL-0730R1 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Podobny opis - HCPL-0730

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com