Zakładka z wyszukiwarką danych komponentów |
|
DAC7563SDSCR Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
DAC7563SDSCR Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 58 page DAC8562, DAC8563 DAC8162, DAC8163 DAC7562, DAC7563 SLAS719D – AUGUST 2010 – REVISED AUGUST 2012 www.ti.com TABLES OF GRAPHS Table 3. Typical Characteristics: Internal Reference Performance POWER-SUPPLY MEASUREMENT FIGURE NUMBER VOLTAGE Internal Reference Voltage vs Temperature Figure 2 Internal Reference Voltage Temperature Drift Histogram Figure 3 Internal Reference Voltage vs Load Current 5.5 V Figure 4 Internal Reference Voltage vs Time Figure 5 Internal Reference Noise Density vs Frequency Figure 6 Internal Reference Voltage vs Supply Voltage 2.7 V – 5.5 V Figure 7 Table 4. Typical Characteristics: DAC Static Performance POWER-SUPPLY MEASUREMENT FIGURE NUMBER VOLTAGE FULL-SCALE, GAIN, OFFSET AND ZERO-CODE ERRORS Full-Scale Error vs Temperature Figure 16 Gain Error vs Temperature Figure 17 5.5 V Offset Error vs Temperature Figure 18 Zero-Code Error vs Temperature Figure 19 Full-Scale Error vs Temperature Figure 63 Gain Error vs Temperature Figure 64 2.7 V Offset Error vs Temperature Figure 65 Zero-Code Error vs Temperature Figure 66 LOAD REGULATION 5.5 V Figure 30 DAC Output Voltage vs Load Current 2.7 V Figure 74 DIFFERENTIAL NONLINEARITY ERROR T = –40°C Figure 9 Differential Linearity Error vs Digital Input Code T = 25°C Figure 11 5.5 V T = 125°C Figure 13 Differential Linearity Error vs Temperature Figure 15 T = –40°C Figure 56 Differential Linearity Error vs Digital Input Code T = 25°C Figure 58 2.7 V T = 125°C Figure 60 Differential Linearity Error vs Temperature Figure 62 INTEGRAL NONLINEARITY ERROR (RELATIVE ACCURACY) T = –40°C Figure 8 Linearity Error vs Digital Input Code T = 25°C Figure 10 5.5 V T = 125°C Figure 12 Linearity Error vs Temperature Figure 14 T = –40°C Figure 55 Linearity Error vs Digital Input Code T = 25°C Figure 57 2.7 V T = 125°C Figure 59 Linearity Error vs Temperature Figure 61 8 Submit Documentation Feedback Copyright © 2010–2012, Texas Instruments Incorporated Product Folder Links: DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563 |
Podobny numer części - DAC7563SDSCR |
|
Podobny opis - DAC7563SDSCR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |