Zakładka z wyszukiwarką danych komponentów |
|
A-18W-K Arkusz danych(PDF) 2 Page - Lite-On Technology Corporation |
|
A-18W-K Arkusz danych(HTML) 2 Page - Lite-On Technology Corporation |
2 / 8 page 2 A SERIES Nominal Coil resistance Set Reset Nominal MODEL voltage (±10%) voltage*1 voltage*1 power AL-1.5W-K 1.5 VDC 22.5Ω +1.13 VDC -1.05 VDC 100 mW AL- 3 W-K 3 VDC 90Ω +2.25 VDC -2.1 VDC 100 mW AL-4.5W-K 4.5 VDC 203Ω +3.38 VDC -3.15 VDC 100 mW AL- 5 W-K 5 VDC 250Ω +3.75 VDC -3.5 VDC 100 mW AL- 6 W-K 6 VDC 360Ω +4.5 VDC -4.2 VDC 100 mW AL- 9 W-K 9 VDC 810Ω +6.75 VDC -6.3 VDC 100 mW AL-12 W-K 12 VDC 1,440Ω +9.0 VDC -8.4 VDC 100 mW AL-18 W-K 18 VDC 2,160Ω +13.5 VDC -12.6 VDC 150 mW AL-24 W-K 24 VDC 3,840Ω +18.0 VDC -16.8 VDC 150 mW AL-D1.5W-K 1.5 VDC P 11.25Ω +1.13 VDC 200 mW S 11.25Ω +1.05 VDC AL-D 3 W-K 3 VDC P 45Ω +2.25 VDC 200 mW S 45Ω +2.1 VDC AL-D4.5W-K 4.5 VDC P 101Ω +3.38 VDC 200 mW S 101Ω +3.15 VDC AL-D 5 W-K 5 VDC P 125Ω +3.75 VDC 200 mW S 125Ω +3.5 VDC AL-D 6 W-K 6 VDC P 180Ω +4.50 VDC 200 mW S 180Ω +4.2 VDC AL-D 9 W-K 9 VDC P 405Ω +6.75 VDC 200 mW S 405Ω +6.3 VDC AL-D12 W-K 12 VDC P 720Ω +9.0 VDC 200 mW S 720Ω +8.4 VDC AL-D18 W-K 18 VDC P 1,080Ω +13.5 VDC 300 mW S 1,080Ω +12.6 VDC AL-D24 W-K 24 VDC P 1,920Ω +18.0 VDC 300 mW S 1,920Ω +16.8 VDC Nominal Coil resistance Must operate Must release Nominal MODEL voltage (±10%) voltage*1 voltage*1 power A-1.5W-K 1.5 VDC 16.1Ω +1.13 VDC +0.15 VDC 140 mW A- 3 W-K 3 VDC 64.3Ω +2.25 VDC +0.3 VDC 140 mW A-4.5W-K 4.5 VDC 145Ω +3.38 VDC +0.45 VDC 140 mW A- 5 W-K 5 VDC 178Ω +3.75 VDC +0.5 VDC 140 mW A- 6 W-K 6 VDC 257Ω +4.5 VDC +0.6 VDC 140 mW A- 9 W-K 9 VDC 579Ω +6.75 VDC +0.9 VDC 140 mW A-12 W-K 12 VDC 1,028Ω +9.0 VDC +1.2 VDC 140 mW A-18 W-K 18 VDC 1,620Ω +13.5 VDC +1.8 VDC 200 mW A-24 W-K 24 VDC 2,880Ω +18.0 VDC +2.4 VDC 200 mW A-48 W-K 48 VDC 7,680Ω +36.0 VDC +4.8 VDC 300 mW n COIL DATA CHART P:PrimarycoilS:Secondarycoil Note: *1 Specified values are subject to pulse wave voltage. Allvaluesinthetablearemeasuredat20°C. Note: *1 Specified values are subject to pulse wave voltage. Allvaluesinthetablearemeasuredat20°C. |
Podobny numer części - A-18W-K |
|
Podobny opis - A-18W-K |