Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM337T Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM337T
Szczegółowy opis  3-Terminal Adjustable Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM337T Arkusz danych(HTML) 4 Page - Texas Instruments

  LM337T Datasheet HTML 1Page - Texas Instruments LM337T Datasheet HTML 2Page - Texas Instruments LM337T Datasheet HTML 3Page - Texas Instruments LM337T Datasheet HTML 4Page - Texas Instruments LM337T Datasheet HTML 5Page - Texas Instruments LM337T Datasheet HTML 6Page - Texas Instruments LM337T Datasheet HTML 7Page - Texas Instruments LM337T Datasheet HTML 8Page - Texas Instruments LM337T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM137, LM337-N
SNVS778D – MAY 1999 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
Parameter
Conditions
LM137
LM337
Units
Min
Typ
Max
Min
Typ
Max
Current Limit
|VIN − VOUT| ≤ 15V
K, DCY and NDE Package
1.5
2.2
3.5
1.5
2.2
3.7
A
NDT Package
0.5
0.8
1.8
0.5
0.8
1.9
A
|VIN − VOUT| = 40V, Tj = 25°C
K, DCY and NDE Package
0.24
0.4
0.15
0.4
A
NDT Package
0.15
0.17
0.10
0.17
A
RMS Output Noise, % of VOUT
Tj = 25°C, 10 Hz ≤ f ≤ 10 kHz
0.003
0.003
%
Ripple Rejection Ratio
VOUT = −10V, f = 120 Hz
60
60
dB
CADJ = 10 μF
66
77
66
77
dB
Long-Term Stability
Tj = 125°C, 1000 Hours
0.3
1
0.3
1
%
Thermal Resistance, Junction to
NDT Package
12
15
12
15
°C/W
Case
K Package
2.3
3
2.3
3
°C/W
NDE Package
4
°C/W
Thermal Resistance, Junction to
NDT Package
140
140
°C/W
Ambient (No Heat Sink)
K Package
35
35
°C/W
NDE Package
50
°C/W
DCY Package
170
°C/W
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N


Podobny numer części - LM337T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM337T NSC-LM337T Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
ON Semiconductor
LM337T ONSEMI-LM337T Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Seme LAB
LM337T SEME-LAB-LM337T Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM337T FAIRCHILD-LM337T Datasheet
37Kb / 6P
   3-Terminal 1.5A Negative Adjustable Regulator
logo
ON Semiconductor
LM337T ONSEMI-LM337T Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
More results

Podobny opis - LM337T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com