Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD47__90B Arkusz danych(PDF) 2 Page - Power Integrations, Inc.

Numer części CD47__90B
Szczegółowy opis  POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERINT [Power Integrations, Inc.]
Strona internetowa  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

CD47__90B Arkusz danych(HTML) 2 Page - Power Integrations, Inc.

  CD47__90B Datasheet HTML 1Page - Power Integrations, Inc. CD47__90B Datasheet HTML 2Page - Power Integrations, Inc. CD47__90B Datasheet HTML 3Page - Power Integrations, Inc. CD47__90B Datasheet HTML 4Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 04/28/2009
CD42__90B
CD47__90B
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
up to 1800
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
180° Conduction, TC=85°C
IT(RMS)
150
A
Average Forward Current
180° Conduction, TC=85°C
IT(AV)
95
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, Tj=125°C
60 Hz, No VRRM reapplied, Tj=125°C
60 Hz, No VRRM reapplied, Tj=25°C
50 Hz, 100% VRRM reapplied, Tj=125°C
50 Hz, No VRRM reapplied, Tj=125°C
50 Hz, No VRRM reapplied, Tj=25°C
ITSM
ITSM
ITSM
ITSM
ITSM
ITSM
1570
1870
2100
1500
1785
2000
A
A
A
A
A
A
I
2t for Fusing for One Cycle, 8.3 milliseconds
8.3 ms, 100% VRRM reapplied, Tj=125°C
8.3 ms, No VRRM reapplied, Tj=125°C
8.3 ms, No VRRM reapplied, Tj=25°C
10 ms, 100% VRRM reapplied, Tj=125°C
10 ms, No VRRM reapplied, Tj=125°C
10 ms, No VRRM reapplied, Tj=25°C
I
2t
I
2t
I
2t
I
2t
I
2t
I
2t
10,270
14,520
18,300
11,250
15,910
20,000
A
2 sec
A
2 sec
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Tj=25°C
di/dt
150
A/µs
Operating Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +125
°C
Max. Mounting Torque, M5 Mounting Screw on
Terminals
25
3
in.-Lb.
Nm
Max. Mounting Torque, Module to Heatsink
44
5
in.-Lb.
Nm
Module Weight, Typical
95
g
3.35
oz.
V Isolation @ 25C
Circuit to base, all terminals shorted together
50 – 60 Hz, 1 minute
50 – 60 Hz, 1 second
Vrms
Vrms
3000
3500
V
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.


Podobny numer części - CD47__90B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
CD470890B POWEREX-CD470890B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
CD471290B POWEREX-CD471290B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
CD471490B POWEREX-CD471490B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
CD471690B POWEREX-CD471690B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
CD471890B POWEREX-CD471890B Datasheet
120Kb / 4P
   Dual SCR/Diode Isolated Module
More results

Podobny opis - CD47__90B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
CD43_90B POWEREX-CD43_90B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes Up to 1800 Volts
logo
Power Integrations, Inc...
CD431690B POWERINT-CD431690B Datasheet
308Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1800 Volts
logo
Powerex Power Semicondu...
PD4207 POWEREX-PD4207 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD4707 POWEREX-PD4707 Datasheet
98Kb / 5P
   POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PD4307 POWEREX-PD4307 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (700 Amperes / Up to 1800 Volts)
ND421825 POWEREX-ND421825 Datasheet
99Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / 1800 Volts)
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
ND431825 POWEREX-ND431825 Datasheet
100Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com