Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7854SQ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7854SQ
Szczegółowy opis  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7854SQ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7854SQ Datasheet HTML 2Page - Analog Devices AD7854SQ Datasheet HTML 3Page - Analog Devices AD7854SQ Datasheet HTML 4Page - Analog Devices AD7854SQ Datasheet HTML 5Page - Analog Devices AD7854SQ Datasheet HTML 6Page - Analog Devices AD7854SQ Datasheet HTML 7Page - Analog Devices AD7854SQ Datasheet HTML 8Page - Analog Devices AD7854SQ Datasheet HTML 9Page - Analog Devices AD7854SQ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7854/AD7854L
–6–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
CONVST
Convert Start. Logic input. A low to high transition on this input puts the track/hold into its hold
mode and starts conversion. When this input is not used, it should be tied to DVDD.
2
WR
Write Input. Active low logic input. Used in conjunction with
CS and HBEN to write to internal registers.
3
RD
Read Input. Active low logic input. Used in conjunction with
CS and HBEN to read from internal
registers.
4
CS
Chip Select Input. Active low logic input. The device is selected when this input is active.
5
REFIN/
Reference Input/Output. This pin is connected to the internal reference through a series resistor and is the
REFOUT
reference source for the analog-to-digital converter. The nominal reference voltage is 2.5 V and this appears
at the pin. This pin can be overdriven by an external reference and can be taken as high as AVDD. When
this pin is tied to AVDD, then the CREF1 pin should also be tied to AVDD.
6AVDD
Analog Positive Supply Voltage, +3.0 V to +5.5 V.
7
AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
8CREF1
Reference Capacitor (0.1
µF multilayer ceramic). This external capacitor is used as a charge source for the
internal DAC. The capacitor should be tied between the pin and AGND.
9CREF2
Reference Capacitor (0.01
µF ceramic disc). This external capacitor is used in conjunction with the on-chip
reference. The capacitor should be tied between the pin and AGND.
10
AIN(+)
Analog Input. Positive input of the pseudo-differential analog input. Cannot go below AGND or above
AVDD at any time, and cannot go below AIN(–) when the unipolar input range is selected.
11
AIN(–)
Analog Input. Negative input of the pseudo-differential analog input. Cannot go below AGND or above
AVDD at any time.
12
HBEN
High Byte Enable Input. The AD7854 operates in byte mode only but outputs 12 bits of data during a read
cycle with HBEN low. When HBEN is high, then the high byte of data that is written to or read from the
part is on DB0 to DB7. When HBEN is low, then the lowest byte of data being written to the part is on
DB0 to DB7. If reading from the part with HBEN low, then the lowest 12 bits of data appear on pins DB0
to DB11. This allows a single read from the ADC or from the control register in a 16-bit bus system.
However, two reads are needed to access the calibration registers. Also, two writes are necessary to write to
any of the registers.
13–21
DB0–DB8
Data Bits 0 to 8. Three state data I/O pins that are controlled by
CS, RD, WR and HBEN. Data output is
straight binary (unipolar mode) or twos complement (bipolar mode).
22
DVDD
Digital Supply Voltage, +3.0 V to +5.5 V.
23
DGND
Digital Ground. Ground reference point for digital circuitry.
24–26
DB9–DB11
Data Bits 9 to 11. Three state data output pins that are controlled by
CS, RD and HBEN. Data output is
straight binary (unipolar mode) or twos complement (bipolar mode). These output pins should be tied to
DVDD via 100 k
Ω resistors when the AD7854/AD7854L is being interfaced to an 8-bit data bus.
27
CLKIN
Master Clock Signal for the device (4 MHz for AD7854, 1.8 MHz for AD7854L). Sets the conversion and
calibration times.
28
BUSY
Busy Output. The busy output is triggered high by the falling edge of
CONVST and remains high until
conversion is completed. BUSY is also used to indicate when the AD7854/AD7854L has completed its on-
chip calibration sequence.


Podobny numer części - AD7854SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7854SQ AD-AD7854SQ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results

Podobny opis - AD7854SQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com