Zakładka z wyszukiwarką danych komponentów |
|
AD8402ARU10 Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD8402ARU10 Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 32 page AD8400/AD8402/AD8403 Rev. E | Page 11 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 5. Parameter Rating VDD to GND −0.3 V, +8 V VA, VB, VW to GND 0 V, VDD Maximum Current IWB, IWA Pulsed ±20 mA IWB Continuous (RWB ≤ 1 kΩ, A Open)1 ±5 mA IWA Continuous (RWA ≤ 1 kΩ, B Open)1 ±5 mA IAB Continuous (RAB = 1 kΩ/10 kΩ/ 50 kΩ/100 kΩ)1 ±2.1 mA/±2.1 mA/ ±540 μA/±540 μA Digital Input and Output Voltage to GND 0 V, 7 V Operating Temperature Range −40°C to +125°C Maximum Junction Temperature (TJ Maximum) 150°C Storage Temperature −65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Package Power Dissipation (TJ max − TA)/θJA Thermal Resistance (θJA) SOIC (R-8) 158°C/W PDIP (N-14) 83°C/W PDIP (N-24) 63°C/W SOIC (R-14) 120°C/W SOIC (R-24) 70°C/W TSSOP-14 (RU-14) 180°C/W TSSOP-24 (RU-24) 143°C/W Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. SERIAL DATA-WORD FORMAT Table 6. ADDR DATA B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 MSB LSB MSB LSB 29 28 27 20 1 Maximum terminal current is bounded by the maximum applied voltage across any two of the A, B, and W terminals at a given resistance, the maximum current handling of the switches, and the maximum power dissipation of the package; VDD = 5 V. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Podobny numer części - AD8402ARU10 |
|
Podobny opis - AD8402ARU10 |