Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG801BRM-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADG801BRM-REEL7
Szczegółowy opis  <0.4CMOS 1.8 V to 5.5 V SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG801BRM-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices

  ADG801BRM-REEL7 Datasheet HTML 1Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 2Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 3Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 4Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 5Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 6Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 7Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 8Page - Analog Devices ADG801BRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADG801/ADG802
Rev. B | Page 3 of 16
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V, unless otherwise noted. The automotive temperature range is −40°C to +125°C.
Table 1.
Parameter
25°C
−40°C to +85°C
−40°C to +125°C1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
0.25
Ω typ
VS = 0 V to VDD, IS = 100 mA; see Figure 13
0.3
0.35
0.4
Ω max
VS = 0 V to VDD, IS = 100 mA; see Figure 13
On Resistance Flatness (RFLAT(ON))
0.05
Ω typ
VS = 0 V to VDD, IS = 100 mA
0.07
0.08
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage, IS (Off )
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 14
±0.25
±3
±30
nA max
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 14
Drain Off Leakage, ID (Off )
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 14
±0.25
±3
±30
nA max
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 14
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = 1 V, or 4.5 V; see Figure 15
±0.25
±3
±30
nA max
VS = VD = 1 V, or 4.5 V; see Figure 15
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS2
tON
35
ns typ
RL = 50 Ω, CL = 35 pF
45
50
55
ns max
VS = 3 V; see Figure 16
tOFF
9
ns typ
RL = 50 Ω, CL = 35 pF
15
18
21
ns max
VS = 3 V; see Figure 16
Charge Injection
50
pC typ
VS = 2.5 V, RS = 0 Ω; CL = 1 nF; see Figure 17
Off Isolation
−61
dB typ
RL = 50 Ω, CL = 5 pF; f = 100 kHz;
see Figure 18
Bandwidth −3 dB
12
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 19
CS (Off )
180
pF typ
f = 1 MHz
CD (Off )
180
pF typ
f = 1 MHz
CD, CS (On)
420
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5.5 V
1.0
2.0
μA max
1 On resistance parameters tested with IS = 10 mA.
2 Guaranteed by design, not subject to production test.


Podobny numer części - ADG801BRM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG801BRM AD-ADG801BRM Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
More results

Podobny opis - ADG801BRM-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG821 AD-ADG821 Datasheet
333Kb / 12P
   <1 ??CMOS 1.8 V to 5.5 V, Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG721 VISHAY-DG721 Datasheet
207Kb / 10P
   1.8 V to 5.5 V, 4ohm Dual SPST Switches
Rev. E, 01-Aug-11
DG721 VISHAY-DG721_V01 Datasheet
194Kb / 10P
   1.8 V to 5.5 V, 4 ??Dual SPST Switches
01-Jan-2022
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com