Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADW54010Z-0REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADW54010Z-0REEL
Szczegółowy opis  CMOS Low Voltage 2.5Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADW54010Z-0REEL Arkusz danych(HTML) 1 Page - Analog Devices

  ADW54010Z-0REEL Datasheet HTML 1Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 2Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 3Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 4Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 5Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 6Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 7Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 8Page - Analog Devices ADW54010Z-0REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS Low Voltage
2.5 Ω Dual SPDT Switch
Data Sheet
ADG736
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2012 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
Automotive temperature range: −40°C to +125°C
2.5 Ω (typical) on resistance
Low on resistance flatness
−3 dB bandwidth > 200 MHz
Rail-to-rail operation
10-lead MSOP package
Fast switching times
tON: 16 ns
tOFF: 8 ns
Typical power consumption (<0.01 μW)
TTL-/CMOS-compatible
Qualified for automotive applications
APPLICATIONS
USB 1.1 signal switching circuits
Cell phones
PDAs
Battery-powered systems
Communications systems
Sample-and-hold systems
Audio signal routing
Audio and video switching
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM
SWITCHES SHOWN
FOR A LOGIC 1 INPUT
ADG736
S1A
S1B
D1
IN1
S2B
IN2
D2
S2A
2
10
6
9
1
4
7
5
Figure 1.
GENERAL DESCRIPTION
The ADG736 is a monolithic device comprising two independ-
ently selectable CMOS single pole, double throw (SPDT) switches.
These switches are designed using a submicron process that
provides low power dissipation yet gives high switching speed,
low on resistance, low leakage currents, and wide input signal
bandwidth.
The on resistance profile is very flat over the full analog signal
range. This ensures excellent linearity and low distortion when
switching audio signals. Fast switching speed also makes the
part suitable for video signal switching.
The ADG736 operates from a single 1.8 V to 5.5 V supply,
making it ideally suited to portable and battery-powered
instruments.
Each switch conducts equally well in both directions when on, and
each has an input signal range that extends to the power supplies.
The ADG736 exhibits break-before-make switching action.
The ADG736 is available in a 10-lead MSOP package.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation. The ADG736
offers high performance, including low on resistance and
fast switching times. It is fully specified and guaranteed
with 3 V and 5 V supply rails.
2.
Very Low RON (4.5 Ω Maximum at 5 V, 8 Ω Maximum at 3 V).
At a supply voltage of 1.8 V, RON is typically 35 Ω over the
temperature range.
3.
Low On Resistance Flatness.
4.
−3 dB Bandwidth > 200 MHz.
5.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
6.
Fast tON/tOFF.
7.
Break-Before-Make Switching Action.
8.
10-Lead MSOP Package.


Podobny numer części - ADW54010Z-0REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADW54011Z-0REEL7 AD-ADW54011Z-0REEL7 Datasheet
517Kb / 17P
   Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
REV. C
More results

Podobny opis - ADW54010Z-0REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736L AD-ADG736L Datasheet
269Kb / 12P
   CMOS Low Voltage 2.5 OHM Dual SPDT Switch
REV. 0
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684 Datasheet
609Kb / 12P
   0.5廓 Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535_V01 Datasheet
186Kb / 10P
   0.25 廓 Low-Voltage Dual SPDT Analog Switch
01-Jan-2022
logo
STMicroelectronics
STG719 STMICROELECTRONICS-STG719_07 Datasheet
201Kb / 10P
   LOW VOLTAGE 4廓 SPDT SWITCH
STG719CTR STMICROELECTRONICS-STG719CTR Datasheet
137Kb / 10P
   LOW VOLTAGE 4廓 SPDT SWITCH
logo
Texas Instruments
LMS4684 TI1-LMS4684 Datasheet
991Kb / 19P
[Old version datasheet]   LMS4684 0.5廓 Low-Voltage, Dual SPDT Analog Switch
logo
Analog Devices
ADG736 AD-ADG736 Datasheet
99Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPDT Switch
REV. 0
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com