Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-0400 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części HLMP-0400
Szczegółowy opis  2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-0400 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  HLMP-0400 Datasheet HTML 1Page - Fairchild Semiconductor HLMP-0400 Datasheet HTML 2Page - Fairchild Semiconductor HLMP-0400 Datasheet HTML 3Page - Fairchild Semiconductor HLMP-0400 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE
TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT
DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE
RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical
implant into the body,or (b) support or sustain life,
and (c) whose failure to perform when properly
used in accordance with instructions for use provided
in labeling, can be reasonably expected to result in a
significant injury of the user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
2.5 X 7.4 mm RECTANGULAR
SOLID STATE LAMPS
www.fairchildsemi.com
4 OF 4
2/27/01
DS300002


Podobny numer części - HLMP-0400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HLMP-0400 QT-HLMP-0400 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0400 HP-HLMP-0400 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Podobny opis - HLMP-0400

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L513HDT ETC-L513HDT Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
QT Optoelectronics
MV53123 QT-MV53123 Datasheet
227Kb / 3P
   RECTANGULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV53123 FAIRCHILD-MV53123 Datasheet
251Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
MV53124A FAIRCHILD-MV53124A Datasheet
281Kb / 4P
   RECTANGULAR SOLID STATE LAMPS
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
List of Unclassifed Man...
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
MV52123 FAIRCHILD-MV52123 Datasheet
432Kb / 4P
   SOLID STATE LED LAMP RECTANGULAR 2 X 5 mm LED LAMPS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com