Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5700 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5700
Szczegółowy opis  Low Power HART Modem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5700 Arkusz danych(HTML) 3 Page - Analog Devices

  AD5700 Datasheet HTML 1Page - Analog Devices AD5700 Datasheet HTML 2Page - Analog Devices AD5700 Datasheet HTML 3Page - Analog Devices AD5700 Datasheet HTML 4Page - Analog Devices AD5700 Datasheet HTML 5Page - Analog Devices AD5700 Datasheet HTML 6Page - Analog Devices AD5700 Datasheet HTML 7Page - Analog Devices AD5700 Datasheet HTML 8Page - Analog Devices AD5700 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5700/AD5700-1
Rev. D | Page 3 of 24
SPECIFICATIONS
VCC = 1.71 V to 5.5 V, IOVCC = 1.71 V to 5.5 V, AGND = DGND, CLKOUT disabled, HART_OUT with 5 nF load, internal and external
receive filter, internal reference; all specifications are from −40°C to +125°C and relate to both A and B models, unless otherwise noted.
Table 2.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS2
VCC
1.71
5.5
V
IOVCC
1.71
5.5
V
VCC and IOVCC Current Consumption
Demodulator
86
115
µA
B model, external clock, −40°C to +85°C
179
µA
B model, external clock, −40°C to +125°C
69
97
µA
B model, external clock, −40°C to +85°C,
external reference
157
µA
B model, external clock, −40°C to +125 °C,
external reference
260
µA
A model, external clock, −40°C to +125°C
Modulator
124
140
µA
B model, external clock, −40°C to +85°C
193
µA
B model, external clock, −40°C to +125°C
73
96
µA
B model, external clock, −40°C to +85°C,
external reference
153
µA
B model, external clock, −40°C to +125°C,
external reference
270
µA
A model, external clock, −40°C to +125°C
Crystal Oscillator3
33
60
µA
External crystal, 16 pF at XTAL1 and XTAL2
44
71
µA
External crystal, 36 pF at XTAL1 and XTAL2
Internal Oscillator4
218
285
µA
AD5700-1 only, external crystal not required
Power-Down Mode
RESET = REF_EN = DGND
16
35
µA
Internal reference disabled, −40°C to +85°C
75
µA
Internal reference disabled, −40°C to +125°C
INTERNAL VOLTAGE REFERENCE
Internal Reference Voltage
1.47
1.5
1.52
V
REF_EN = IOVCC to enable use of internal
reference; VCC = 1.71 V minimum
Load Regulation
18
ppm/µA
Tested with 50 µA load
OPTIONAL EXTERNAL VOLTAGE
REFERENCE
External Reference Input Voltage
2.47
2.5
2.53
V
REF_EN = DGND to enable use of external
reference, VCC = 2.7 V minimum
External Reference Input Current
Demodulator
16
21
µA
Current required by external reference in
receive mode
Modulator
28
33
µA
Current required by external reference in
transmit mode
Internal Oscillator
5.5
7
µA
Current required by external reference if
using internal oscillator
Power-Down
4.6
8.6
µA
DIGITAL INPUTS
VIH, Input High Voltage
0.7 × IOVCC
V
VIL, Input Low Voltage
0.3 × IOVCC
V
Input Current
−0.1
+0.1
µA
Input Capacitance5
5
pF
Per pin


Podobny numer części - AD5700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5700 AD-AD5700 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5700 AD-AD5700 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
AD5700 AD-AD5700 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD5700 AD-AD5700 Datasheet
336Kb / 8P
   Devices Connected
AD5700 AD-AD5700 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Podobny opis - AD5700

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5700 AD-AD5700 Datasheet
502Kb / 20P
   Low Power HART Modem
REV. A
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com