Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL362BCCZ-RL Arkusz danych(PDF) 40 Page - Analog Devices

Numer części ADXL362BCCZ-RL
Szczegółowy opis  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-RL Arkusz danych(HTML) 40 Page - Analog Devices

Back Button ADXL362BCCZ-RL Datasheet HTML 36Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 37Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 38Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 39Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 40Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 41Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 42Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 43Page - Analog Devices ADXL362BCCZ-RL Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 40 of 44
Alternate Functions of Interrupt Pins
The INT1 and INT2 pins can be configured for use as input
pins instead of for signaling interrupts. INT1 is used as an
external clock input when the EXT_CLK bit (Bit 6) in the
POWER_CTL register (Address 0x2D) is set. INT2 is used
as the trigger input for synchronized sampling when the
EXT_SAMPLE bit (Bit 3) in the FILTER_CTL register
(Address 0x2C) is set. One or both of these alternate functions
can be used concurrently; however, if an interrupt pin is used
for its alternate function, it cannot simultaneously be used for
its primary function, to signal interrupts.
External clocking and data synchronization are described in the
Applications Information section.
Activity and Inactivity Interrupts
The ACT bit (Bit 4) and INACT bit (Bit 5) in the STATUS
register are set when activity and inactivity are detected,
respectively. Detection procedures and criteria are described in
the Motion Detection section.
Data Ready Interrupt
The DATA_READY bit (Bit 0) is set when new valid data is
available, and it is cleared when no new data is available.
The DATA_READY bit is not set while any of the data registers,
Address 0x08 to Address 0x0A and Address 0x0E to Address 0x15,
are being read. If DATA_READY = 0 prior to a register read
and new data becomes available during the register read,
DATA_READY remains at 0 until the read is complete and,
only then, is set to 1.
If DATA_READY = 1 prior to a register read, it is cleared at the
start of the register read.
If DATA_READY = 1 prior to a register read and new data
becomes available during the register read, DATA_READY is
cleared to 0 at the start of the register read and remains at 0
throughout the read. When the read is complete, DATA_READY is
set to 1.
Using FIFO Interrupts
FIFO Watermark
The FIFO_WATERMARK bit (Bit 2) is set when the number of
samples stored in the FIFO is equal to or exceeds the number speci-
fied in the FIFO_SAMPLES register (Address 0x29) together with
the AH bit in the FIFO_CONTROL register (Bit 3, Address 0x28).
The FIFO_WATERMARK bit is cleared automatically when
enough samples are read from the FIFO, such that the number
of samples remaining is lower than that specified.
If the number of FIFO samples is set to 0, the FIFO watermark
interrupt is set. To avoid unexpectedly triggering this interrupt,
the default value of the FIFO_SAMPLES register is 0x80.
FIFO Ready
The FIFO_READY bit (Bit 1) is set when there is at least one
valid sample available in the FIFO output buffer. This bit is
cleared when no valid data is available in the FIFO.
Overrun
The FIFO_OVERRUN bit (Bit 3) is set when the FIFO has
overrun or overflowed, such that new data replaces unread data.
This may indicate a full FIFO that has not yet been emptied or a
clocking error caused by a slow SPI transaction. If the FIFO is
configured to oldest saved mode, an overrun event indicates
that there is insufficient space available for a new sample.
The FIFO_OVERRUN bit is cleared automatically when the
contents of the FIFO are read. Likewise, when the FIFO is
disabled, the FIFO_OVERRUN bit is cleared.
USING SYNCHRONIZED DATA SAMPLING
For applications that require a precisely timed acceleration
measurement, the ADXL362 features an option to synchronize
acceleration sampling to an external trigger. The EXT_SAMPLE
bit (Bit 3) in the FILTER_CTL Register (Address 0x2C) enables
this feature. When the EXT_SAMPLE bit is set to 1, the INT2
pin is automatically reconfigured for use as the sync trigger input.
When external triggering is enabled, it is up to the system
designer to ensure that the sampling frequency meets system
requirements. Sampling too infrequently causes aliasing. Noise
can be lowered by oversampling; however, sampling at too high
a frequency may not allow enough time for the accelerometer to
process the acceleration data and convert it to valid digital output.
When Nyquist criteria are met, signal integrity is maintained.
An internal antialiasing filter is available in the ADXL362 and
can assist the system designer in maintaining signal integrity. To
prevent aliasing, set the filter bandwidth to a frequency no
greater than ½ the sampling rate. For example, when sampling
at 100 Hz, set the filter pole to no higher than 50 Hz. The filter
pole is set via the ODR bits in the FILTER_CTL register
(Address 0x2C). The filter bandwidth is set to ½ the ODR and is
set via these bits. Even though the ODR is ignored (as the data
rate is set by the external trigger), the filter is still applied at the
specified bandwidth.
Because of internal timing requirements, the trigger signal
applied to pin INT2 must meet the following criteria:
The trigger signal is active high.
The pulse width of the trigger signal must be at least 25 µs.
The trigger must be deasserted for at least 25 µs before it is
reasserted.
The maximum sampling frequency that is supported is
625 Hz (typical).
The minimum sampling frequency is set only by system
requirements. Samples need not be polled at any minimum
rate; however, if samples are polled at a rate lower than the
bandwidth set by the antialiasing filter, then aliasing may
occur.


Podobny numer części - ADXL362BCCZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
More results

Podobny opis - ADXL362BCCZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
   MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com