Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL362BCCZ-RL7 Arkusz danych(PDF) 25 Page - Analog Devices

Numer części ADXL362BCCZ-RL7
Szczegółowy opis  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-RL7 Arkusz danych(HTML) 25 Page - Analog Devices

Back Button ADXL362BCCZ-RL7 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-RL7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Data Sheet
ADXL362
Rev. B | Page 25 of 44
STATUS REGISTER
Address: 0x0B, Reset: 0x40, Name: STATUS
This register includes the following bits that describe various conditions of the ADXL362.
Table 12. Bit Descriptions for STATUS
Bits
Bit Name
Settings
Description
Reset
Access
7
ERR_USER_REGS
SEU Error Detect. 1 indicates one of two conditions: either an SEU event,
such as an alpha particle of a power glitch, has disturbed a user register
setting or the ADXL362 is not configured. This bit is high upon both
startup and soft reset, and resets as soon as any register write commands
are performed.
0x0
R
6
AWAKE
Indicates whether the accelerometer is in an active (AWAKE = 1) or
inactive (AWAKE = 0) state, based on the activity and inactivity
functionality. To enable autosleep, activity and inactivity detection must
be in linked mode or loop mode (LINK/LOOP bits in the ACT_INACT_CTL
register); otherwise, this bit defaults to 1 and should be ignored.
0x1
R
5
INACT
Inactivity. 1 indicates that the inactivity detection function has detected
an inactivity or a free fall condition.
0x0
R
4
ACT
Activity. 1 indicates that the activity detection function has detected an
overthreshold condition.
0x0
R
3
FIFO_OVERRUN
FIFO Overrun. 1 indicates that the FIFO has overrun or overflowed, such
that new data replaces unread data. See the Using FIFO Interrupts
section for details.
0x0
R
2
FIFO_WATERMARK
FIFO Watermark. 1 indicates that the FIFO contains at least the desired
number of samples, as set in the FIFO_SAMPLES register. See the Using
FIFO Interrupts section for details.
0x0
R
1
FIFO_READY
FIFO Ready. 1 indicates that there is at least one sample available in the
FIFO output buffer. See the Using FIFO Interrupts section for details.
0x0
R
0
DATA_READY
Data Ready. 1 indicates that a new valid sample is available to be read.
This bit clears when a FIFO read is performed. See the Data Ready
Interrupt section for more details.
0x0
R


Podobny numer części - ADXL362BCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362 AD-ADXL362 Datasheet
261Kb / 6P
   Ultralow Power, 3-Axis, Motion Activated Switch
REV. A
More results

Podobny opis - ADXL362BCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KXTIK-1004 ETC2-KXTIK-1004 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KXTI9-1001 ETC2-KXTI9-1001 Datasheet
1Mb / 54P
   2g/4g/8g Tri-axis Digital Accelerometer Specifications
KX132-1211 ETC-KX132-1211 Datasheet
1Mb / 33P
   ± 2g / 4g / 8g / 16g Tri-axis Digital Accelerometer Specifications
Rev. 1.0 31-Jul-2019
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
   MEMS motion sensor 3-axis - 짹 2g/짹 8g smart digital output ?쐏iccolo??accelerometer
logo
Analog Devices
ADXL373 AD-ADXL373 Datasheet
1Mb / 52P
   Micropower, 3-Axis, 짹400 g, Digital Output, MEMS Accelerometer
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
   MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
AN2579 STMICROELECTRONICS-AN2579 Datasheet
817Kb / 15P
   LIS302DL 3-axis digital MEMS accelerometer
AN2768 STMICROELECTRONICS-AN2768 Datasheet
821Kb / 17P
   LIS331DL 3-axis digital MEMS accelerometer
logo
Analog Devices
ADXL372 AD-ADXL372 Datasheet
977Kb / 56P
   Micropower, 3-Axis, 짹200 g Digital Output, MEMS
logo
STMicroelectronics
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
   MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com