Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC546B Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części BC546B
Szczegółowy opis  65 V, 100 mA NPN general-purpose transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC546B Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button BC546B Datasheet HTML 6Page - NXP Semiconductors BC546B Datasheet HTML 7Page - NXP Semiconductors BC546B Datasheet HTML 8Page - NXP Semiconductors BC546B Datasheet HTML 9Page - NXP Semiconductors BC546B Datasheet HTML 10Page - NXP Semiconductors BC546B Datasheet HTML 11Page - NXP Semiconductors BC546B Datasheet HTML 12Page - NXP Semiconductors BC546B Datasheet HTML 13Page - NXP Semiconductors BC546B Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BC846_BC546_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
11 of 14
NXP Semiconductors
BC846/BC546 series
65 V, 100 mA NPN general-purpose transistors
Fig 17. Reflow soldering footprint SOT323 (SC-70)
Fig 18. Wave soldering footprint SOT323 (SC-70)
Fig 19. Reflow soldering footprint SOT416 (SC-75)
msa429
0.85
2.35
0.55
(3
×)
1.325
0.75
2.40
2.65
1.30
3
2
1
0.60
(3
×)
0.50
(3
×) 1.90
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
msa419
4.00
4.60
2.10
3.65
1.15
2.70
3
2
1
0.90
(2
×)
preferred transport direction during soldering
solder lands
solder resist
occupied area
Dimensions in mm
solder resist
occupied area
solder lands
solder paste
Dimensions in mm
msa438
2.0
0.6
(3x)
0.7
1.5
1
2
3
1.1
2.2
0.5
(3x)
0.85
0.6
1.9


Podobny numer części - BC546B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC546B MOTOROLA-BC546B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
SeCoS Halbleitertechnol...
BC546B SECOS-BC546B Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Taiwan Semiconductor Co...
BC546B TSC-BC546B Datasheet
253Kb / 5P
   NPN Transistor
logo
ON Semiconductor
BC546B ONSEMI-BC546B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546B NXP-BC546B Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
More results

Podobny opis - BC546B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC846.215 NXP-BC846.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B.215 NXP-BC846B.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846XW_SER NEXPERIA-BC846XW_SER Datasheet
219Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 29 March 2023
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846X-Q_SER NEXPERIA-BC846X-Q_SER Datasheet
222Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
BC846X_SER NEXPERIA-BC846X_SER Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
BC846XW-Q_SER NEXPERIA-BC846XW-Q_SER Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
logo
ON Semiconductor
NST846MTWFT ONSEMI-NST846MTWFT Datasheet
261Kb / 7P
   General Purpose Transistors NPN, 65 V, 100 mA
February, 2023 - Rev. 1
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
   General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com