Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX56 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BCX56
Szczegółowy opis  80 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX56 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BCX56 Datasheet HTML 1Page - NXP Semiconductors BCX56 Datasheet HTML 2Page - NXP Semiconductors BCX56 Datasheet HTML 3Page - NXP Semiconductors BCX56 Datasheet HTML 4Page - NXP Semiconductors BCX56 Datasheet HTML 5Page - NXP Semiconductors BCX56 Datasheet HTML 6Page - NXP Semiconductors BCX56 Datasheet HTML 7Page - NXP Semiconductors BCX56 Datasheet HTML 8Page - NXP Semiconductors BCX56 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
NPN medium power transistor series.
[1]
Valid for all available selection groups.
[2]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
I High current
I Two current gain selections
I High power dissipation capability
1.3 Applications
I Linear voltage regulators
I Low-side switches
I MOSFET drivers
I Amplifiers
1.4 Quick reference data
BC639; BCP56; BCX56
80 V, 1 A NPN medium power transistors
Rev. 08 — 22 June 2007
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
NXP
JEITA
JEDEC
BC639[2]
SOT54
SC-43A
TO-92
BC640
BCP56
SOT223
SC-73
-
BCP53
BCX56
SOT89
SC-62
TO-243
BCX53
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
80
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
1.5
A
hFE
DC current gain
VCE =2V; IC = 150 mA
63
-
250
hFE selection -10
VCE =2V; IC = 150 mA
63
-
160
hFE selection -16
VCE =2V; IC = 150 mA
100
-
250


Podobny numer części - BCX56

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX56 MCC-BCX56 Datasheet
202Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Nanjing International G...
BCX56 DGNJDZ-BCX56 Datasheet
588Kb / 3P
   Low Voltage
logo
Siemens Semiconductor G...
BCX56 SIEMENS-BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

Podobny opis - BCX56

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com