Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG787BRMZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG787BRMZ
Szczegółowy opis  Evaluating the ADT7320/ADT7420 Temperature Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG787BRMZ Arkusz danych(HTML) 1 Page - Analog Devices

  ADG787BRMZ Datasheet HTML 1Page - Analog Devices ADG787BRMZ Datasheet HTML 2Page - Analog Devices ADG787BRMZ Datasheet HTML 3Page - Analog Devices ADG787BRMZ Datasheet HTML 4Page - Analog Devices ADG787BRMZ Datasheet HTML 5Page - Analog Devices ADG787BRMZ Datasheet HTML 6Page - Analog Devices ADG787BRMZ Datasheet HTML 7Page - Analog Devices ADG787BRMZ Datasheet HTML 8Page - Analog Devices ADG787BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Evaluation Board User Guide
UG-138
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluating the ADT7320/ADT7420 Temperature Sensors
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. A | Page 1 of 16
FEATURES
Supports the ADT7320 and ADT7420 temperature sensors
Powered from USB port—no additional power supply
required
PC software for control of temperature sensors
Supported operating systems: Windows 2000 and higher
Additional external evaluation board for remote
temperature measurements (ADT7x20EBZ)
Additional external flex boards for faster thermal response
EVALUATION KIT CONTENTS
Fully fitted printed circuit board (PCB) with USB interface
Additional external PCB
Evaluation software CD
USB cable
Documentation
Wiring guide
OPTIONAL EQUIPMENT
ADT7320FBZ flex board
ADT7420FBZ flex board
GENERAL DESCRIPTION
This user guide describes the EVAL-ADT7x20EBZ,
ADT7320FBZ, and ADT7420FBZ evaluation board hardware
and software and includes detailed schematics and PCB layout
artwork. The ADT7x20 (EVAL-ADT7x20EBZ) evaluation
board is a compact, easy-to-use platform for evaluating all
features of the ADT7320 and ADT7420 temperature sensors.
The ADT7x20FBZ flex boards are optional extras to the
evaluation kit, which can be used as an extension to the
ADT7x20 evaluation board or as standalone devices for
interfacing with a microcontroller or FPGA.
The evaluation kit allows the user to evaluate the performance
of the ADT7320 and ADT7420 temperature sensors using a PC.
The kit consists of two boards; a main board connected to the
PC through the USB port and an external board. The external
board and flex board are attached to the main board using wires
that can withstand high temperatures, and can be used for
remote temperature measurements in oil baths or ovens where
the temperature exceeds the specifications of the USB cable.
The evaluation software allows the user to select the main
board or the external board, as well as the desired temperature
sensor device.
When using the ADT7x20 evaluation board, in addition to this
user guide, the user should also consult the ADT7320 and
ADT7420 data sheets (available at the Analog Devices, Inc.,
website, www.analog.com).
Figure 1. ADT7x20 Evaluation Board—Main Board


Podobny numer części - ADG787BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG787BRMZ AD-ADG787BRMZ Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787BRMZ-500RL7 AD-ADG787BRMZ-500RL7 Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
ADG787BRMZ-REEL AD-ADG787BRMZ-REEL Datasheet
420Kb / 16P
   2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
More results

Podobny opis - ADG787BRMZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
UG-138 AD-UG-138 Datasheet
935Kb / 16P
   Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
EVAL-ADP7158 AD-EVAL-ADP7158 Datasheet
217Kb / 8P
   Evaluating the ADP7158 Ultralow Noise
EVAL-ADP7156 AD-EVAL-ADP7156 Datasheet
210Kb / 8P
   Evaluating the ADP7156 Ultralow Noise
UG-744 AD-UG-744 Datasheet
392Kb / 7P
   Evaluating the AD8273/AD8277/AD8279 Difference Amplifiers
Rev. A
UG-521 AD-UG-521 Datasheet
248Kb / 8P
   Evaluating the CN-0285 Wideband Tx Modulator Solution
REV. 0
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
   Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
STMicroelectronics
AN2648 STMICROELECTRONICS-AN2648 Datasheet
167Kb / 15P
   Increasing the resolution of analog temperature sensors
logo
Analog Devices
UG-042 AD-UG-042 Datasheet
526Kb / 8P
   Evaluating the 16-Lead SOIC and the 16-Lead QSOP Digital Isolators
DC2873A AD-DC2873A Datasheet
1Mb / 12P
   Evaluating the LTC2688 16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com