Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0531 Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-0531
Szczegółowy opis  HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0531 Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0531 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0531 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Regulatory Information
The devices contained in this data sheet have been approved by the following organizations:
UL
Recognized under UL 1577, Component Recognition
Program, File E55361.
CSA
Approved under CSA Component Acceptance Notice #5,
File CA 88324.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
(HCNW and Option 060 only)
Recommended Pb-Free IR Profile
Insulation and Safety Related Specifications
8-Pin DIP
Widebody
(300 Mil)
SO-8
(400 Mil)
Parameter
Symbol
Value
Value
Value
Units
Conditions
Minimum External
L(101)
7.1
4.9
9.6
mm
Measured from input terminals
Air Gap (External
to output terminals, shortest
Clearance)
distance through air.
Minimum External
L(102)
7.4
4.8
10.0
mm
Measured from input terminals
Tracking (External
to output terminals, shortest
Creepage)
distance path along body.
Minimum Internal
0.08
0.08
1.0
mm
Through insulation distance,
Plastic Gap
conductor to conductor, usually
(Internal Clearance)
the direct distance between the
photoemitter and photodetector
inside the optocoupler cavity.
Minimum Internal
NA
NA
4.0
mm
Measured from input terminals
Tracking (Internal
to output terminals, along
Creepage)
internal cavity.
Tracking Resistance
CTI
200
200
200
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative
Tracking Index)
Isolation Group
IIIa
IIIa
IIIa
Material Group
(DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
217
°C
RAMP-DOWN
6
°C/SEC. MAX.
RAMP-UP
3
°C/SEC. MAX.
150 - 200
°C
* 260 +0/-5
°C
t 25
°C to PEAK
60 to 150 SEC.
15 SEC.
TIME WITHIN 5
°C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25
°C to PEAK
TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
NON-HALIDE FLUX SHOULD BE USED.
* RECOMMENDED PEAK TEMPERATURE FOR
WIDEBODY 400mils PACKAGE IS 245
°C


Podobny numer części - HCPL-0531

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-0531 HP-HCPL-0531 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531 AVAGO-HCPL-0531 Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0531-000E AVAGO-HCPL-0531-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results

Podobny opis - HCPL-0531

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500-000E AVAGO-HCPL-0500-000E Datasheet
514Kb / 17P
   HCPL-2502/0452/0453/0500/0501/4502/4503 Single Channel, High Speed Optocouplers
HCPL-M452 AVAGO-HCPL-M452 Datasheet
152Kb / 9P
   HCPL-M452/HCPL-M453 Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com