Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-T250-360 Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-T250-360
Szczegółowy opis  1.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-T250-360 Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-T250-360 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-T250-360 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
• Input threshold current (IFLH): 5mA (max.)
• Supply current (ICC): 11 mA (max.)
• Supply voltage (VCC): 15‑35V
• Output current (IO): ±0.5A (min.)
• Switching time (tPLH/tPHL): 0.5 µs (max.)
• Isolation voltage (VISO): 3750 Vrms (min.)
• UL 1577 recognized: File No. E55361
• CSA approved
• IEC/EN/DIN EN 60747‑5‑2 approved with VIORM = 630
Vpeak
• 5 kV/µs Minimum Common Mode Rejection (CMR) at
Vcm = 1500 V
• Creepage distance: 7.4 mm
Clearance: 7.1 mm
Applications
• IGBT/MOSFET gate drive
• AC/brushless DC motor drives
• Industrial inverters
• Switch mode power supplies
A 0.1 µF bypass capacitor must be connected between pins 5 and 8.
Functional Diagram
Description
The HCPL‑T250 contains GaAs LED. The LED is optically
coupledtoanintegratedcircuitwithapower outputstage.
This optocoupler is ideally suited for driving power IGBTs
and MOSFETs used in motor control inverter applications.
The high operating voltage range of the output stage
provides the drive voltages required by gate controlled
devices.Thevoltageandcurrentsuppliedbythisoptocou‑
pler makes it ideally suited for directly driving IGBTs with
ratings up to 1200 V/25 A. For IGBTs with higher ratings,
theHCPL‑T250canbeusedtodriveadiscretepowerstage
which drives the IGBT gate.
Truth Table
LED
Vout
ON
HIGH
OFF
LOW
HCPL-T250
1.5 Amp Output Current IGBT Gate Drive Optocoupler
Data Sheet
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
VO
VEE
Q1
Q2


Podobny numer części - HCPL-T250-360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-T250-300 HP-HCPL-T250-300 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-T250-360

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com