Zakładka z wyszukiwarką danych komponentów |
|
HCPL-M453-500E Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-M453-500E Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 9 page 6 Switching Specifications Over recommended temperature (TA = 0°C to 70°C) VCC = 5 V, IF = 16 mA unless otherwise specified. Parameter Symbol Device Min. Typ.* Max. Units Test Conditions Fig. Note Propagation Delay Time to Logic Low at Output tPHL 0.2 0.8 Ps TA = 25°C RL = 1.9 k : 5, 6, 10 9 1.0 Propagation Delay Time to Logic High at Output tPLH 0.6 0.8 TA = 25°C RL = 1.9 k : 5, 6, 10 9 1.0 Common Mode Transient Immunity at Logic High Level Output |CMH| HCPL- M452 1 kV/ Ps VCM = 10 Vp-p IF = 0 mA TA = 25°C RL = 1.9 k : 11 8, 9 HCPL- M453 15 30 VCM = 1500 Vp-p Common Mode Transient Immunity at Logic Low Level Output |CML| HCPL- M452 1 VCM = 10 Vp-p IF = 16 mA TA = 25°C RL = 1.9 k : 11 8, 9 HCPL- M453 15 30 VCM = 1500 Vp-p Bandwidth BW 3 MHz RL = 100 :, See Test Circuit 8, 9 10 All typicals at TA = 25°C. Notes: 1. Derate linearly above 85°C free-air temperature at a rate of 0.5 mA/°C. 2. Derate linearly above 85°C free-air temperature at a rate of 1.0 mA/°C. 3. Derate linearly above 85°C free-air temperature at a rate of 1.1 mW/°C. 4. Derate linearly above 85°C free-air temperature at a rate of 2.3 mW/°C. 5. CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100. 6. Device considered a two terminal device: pins 1 and 3 shorted together, and pins 4, 5 and 6 shorted together. 7. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥ 4500 VRMS for 1 second (leakage detection current limit, II-O ≤ 5 PA). 8. Common transient immunity in a Logic High level is the maximum tolerable (positive) dVCM/dt on the rising edge of the common mode pulse, VCM, to assure that the output will remain in a Logic High state (i.e., VO > 2.0 V). Common mode transient immunity in a Logic Low level is the maximum tolerable (negative) dVCM/dt on the falling edge of the common mode pulse signal, VCM to assure that the output will remain in a Logic Low state (i.e., VO < 0.8 V). 9. The 1.9 k : load represents 1 TTL unit load of 1.6 mA and the 5.6 k: pull-up resistor. 10. The frequency at which the ac output voltage is 3 dB below its mid-frequency value. 11. Use of a 0.1 PF bypass capacitor connected between pins 4 and 6 is recommended. |
Podobny numer części - HCPL-M453-500E |
|
Podobny opis - HCPL-M453-500E |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |