Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL3S1002FTB1,115 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części SL3S1002FTB1,115
Szczegółowy opis  UCODE G2XM and G2XL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002FTB1,115 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  SL3S1002FTB1,115 Datasheet HTML 1Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 2Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 3Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 4Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 5Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 6Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 7Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 8Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
5 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
6.
Wafer layout and pinning information
6.1 Wafer layout
(1) X-scribe line width: 56.4
m
(2) Y-scribe line width: 56.4
m
(3) Chip step, x-length: 488.0
m
(4) Chip step, y-length: 470,0
m
(5) Bump to bump distance X (TP1 - RFN): 351,0
m
(6) Bump to bump distance Y (RFN - RFP): 333,0
m
(7) Distance bump to metal sealring X: 40,3
m
(8) Distance bump to metal sealring Y: 40,3
m
Bump size X x Y: 60
m x 60 m
Fig 2.
Wafer layout and pinning information
001aai346
not to scale!
(1)
(7)
(2)
(8)
(5)
(6)
(4)
(3)
Y
X
TP2
TP1
RFN
RFP


Podobny numer części - SL3S1002FTB1,115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
1Mb / 56P
   512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
More results

Podobny opis - SL3S1002FTB1,115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
   UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1003_1013 NXP-SL3S1003_1013 Datasheet
442Kb / 43P
   UCODE G2iM and G2iM
Rev. 3.7-21 May 2015
SL3S1003 NXP-SL3S1003 Datasheet
396Kb / 48P
   UCODE G2iM and G2iM
Rev. 3.8-5 February 2019
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
   UCODE HSL
October 2003
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com