Zakładka z wyszukiwarką danych komponentów |
|
ADXL375BCCZ Arkusz danych(PDF) 4 Page - Analog Devices |
|
ADXL375BCCZ Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 32 page ADXL375 Data Sheet Rev. 0 | Page 4 of 32 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Acceleration, Any Axis Unpowered 10,000 g Powered 10,000 g VS −0.3 V to +3.9 V VDD I/O −0.3 V to +3.9 V Digital Pins −0.3 V to VDD I/O + 0.3 V or 3.9 V, whichever is less Output Short-Circuit Duration (Any Pin to Ground) Indefinite Temperature Range Powered −40°C to +105°C Storage −40°C to +105°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 3. Package Characteristics Package Type θJA θJC Unit 14-Terminal LGA 150 85 °C/W ESD CAUTION |
Podobny numer części - ADXL375BCCZ |
|
Podobny opis - ADXL375BCCZ |