Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL375BCCZ-RL Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL375BCCZ-RL
Szczegółowy opis  3-Axis, 200 g Digital Accelerometer
Pobierz  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Data Sheet
ADXL375
Rev. 0 | Page 5 of 32
SOLDERING PROFILE
Figure 2 and Table 4 provide information about the recommended soldering profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 4. Recommended Soldering Profile Limits1, 2
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec maximum
3°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time from TSMIN to TSMAX (tS)
60 sec to 120 sec
60 sec to 180 sec
Ramp-Up Rate (TSMAX to TL)
3°C/sec maximum
3°C/sec maximum
Liquidous Temperature (TL)
183°C
217°C
Time Maintained Above TL (tL)
60 sec to 150 sec
60 sec to 150 sec
Peak Temperature (TP)
240°C +0°C/−5°C
260°C +0°C/−5°C
Time Within 5°C of Actual TP (tP)
10 sec to 30 sec
20 sec to 40 sec
Ramp-Down Rate
6°C/sec maximum
6°C/sec maximum
Time 25°C (t25°C) to Peak Temperature
6 minutes maximum
8 minutes maximum
1
Based on JEDEC Standard J-STD-020D.1.
2
For best results, the soldering profile should be in accordance with the recommendations of the manufacturer of the solder paste used.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl