Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7980-EP Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD7980-EP
Szczegółowy opis  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7980-EP Arkusz danych(HTML) 3 Page - Analog Devices

  AD7980-EP Datasheet HTML 1Page - Analog Devices AD7980-EP Datasheet HTML 2Page - Analog Devices AD7980-EP Datasheet HTML 3Page - Analog Devices AD7980-EP Datasheet HTML 4Page - Analog Devices AD7980-EP Datasheet HTML 5Page - Analog Devices AD7980-EP Datasheet HTML 6Page - Analog Devices AD7980-EP Datasheet HTML 7Page - Analog Devices AD7980-EP Datasheet HTML 8Page - Analog Devices AD7980-EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7980-EP
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD = 2.5 V, VIO = 2.3 V to 5.5 V, VREF = 5 V, TA = –55°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ − IN−
0
V
REF
V
Absolute Input Voltage
IN+
−0.1
V
REF + 0.1
V
IN−
−0.1
+0.1
V
Analog Input CMRR
f
IN = 100 kHz
60
dB
Leakage Current @ 25°C
Acquisition phase
1
nA
ACCURACY
No Missing Codes
16
Bits
Differential Linearity Error
REF = 5 V
−0.9
±0.4
+0.9
LSB1
REF = 2.5 V
±0.55
LSB1
Integral Linearity Error
REF = 5 V
−1.5
±0.6
+1.5
LSB1
REF = 2.5 V
±0.65
LSB1
Transition Noise
REF = 5 V
0.6
LSB1
REF = 2.5 V
1.0
LSB1
Gain Error, T
MIN to TMAX
2
±2
LSB1
Gain Error Temperature Drift
±0.35
ppm/°C
Zero Error, T
MIN to TMAX
2
−0.62
±0.08
+0.62
mV
Zero Temperature Drift
0.54
ppm/°C
Power Supply Sensitivity
VDD = 2.5 V ± 5%
±0.1
LSB1
THROUGHPUT
Conversion Rate
VIO ≥ 2.3 V up to 85°C, VIO ≥
3.3 V above 85°C up to 125°C
0
1
MSPS
Transient Response
Full-scale step
290
ns
AC ACCURACY
Dynamic Range
V
REF = 5 V
92
dB3
V
REF = 2.5 V
87
dB3
Oversampled Dynamic Range
f
O = 10 kSPS
111
dB3
Signal-to-Noise Ratio, SNR
f
IN = 10 kHz, VREF = 5 V
91
dB3
f
IN = 10 kHz, VREF = 2.5 V
86.5
dB3
Spurious-Free Dynamic Range, SFDR
f
IN = 10 kHz
−110
dB3
Total Harmonic Distortion, THD
f
IN = 10 kHz
−114
dB3
Signal-to-(Noise + Distortion), SINAD
f
IN = 10 kHz, VREF = 5 V
91.5
dB3
f
IN = 10 kHz, VREF = 2.5 V
87.0
dB3
1 LSB means least significant bit. With the 5 V input range, 1 LSB is 76.3 µV.
2 These specifications include full temperature range variation, but not the error contribution from the external reference.
3 All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.


Podobny numer części - AD7980-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7980 AD-AD7980 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7980 AD-AD7980 Datasheet
421Kb / 16P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
AD7980 AD-AD7980 Datasheet
611Kb / 28P
   16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
REV. B
More results

Podobny opis - AD7980-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
   16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev Pr C
AD7980 AD-AD7980_13 Datasheet
485Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. C
AD7980BRMZRL7 AD-AD7980BRMZRL7 Datasheet
411Kb / 28P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7982 AD-AD7982 Datasheet
416Kb / 23P
   18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
Rev PrC
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
AD7982 AD-AD7982_15 Datasheet
2Mb / 25P
   18 Bit 1 MSPS PulSAR 7.0 mW ADC in MSOP QFN
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com