Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HUFA75309P3 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części HUFA75309P3
Szczegółowy opis  19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75309P3 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button HUFA75309P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75309P3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75309P3, HUFA75309D3, HUFA75309D3S Rev. B
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. GATE CHARGE TEST CIRCUIT
FIGURE 17. GATE CHARGE WAVEFORM
FIGURE 18. SWITCHING TIME TEST CIRCUIT
FIGURE 19. RESISTIVE SWITCHING WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RL
VGS
+
-
VDS
VDD
DUT
IG(REF)
VDD
Qg(TH)
VGS = 2V
Qg(10)
VGS = 10V
Qg(TOT)
VGS = 20V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
HUFA75309P3, HUFA75309D3, HUFA75309D3S


Podobny numer części - HUFA75309P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
More results

Podobny opis - HUFA75309P3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HUF75309P3 FAIRCHILD-HUF75309P3 Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75309T3ST INTERSIL-HUF75309T3ST Datasheet
88Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75309T3ST FAIRCHILD-HUFA75309T3ST Datasheet
175Kb / 8P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUF75309T3ST FAIRCHILD-HUF75309T3ST Datasheet
186Kb / 9P
   3A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFET
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com