Zakładka z wyszukiwarką danych komponentów |
|
CA1BFS-12V-N-5 Arkusz danych(PDF) 2 Page - Panasonic Semiconductor |
|
CA1BFS-12V-N-5 Arkusz danych(HTML) 2 Page - Panasonic Semiconductor |
2 / 6 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ CA ASCTB219E 201203-T1 TYPES Standard packing: Carton: 20 pcs. Case: 200 pcs. Note: Please use “CA ∗∗R-∗-∗-∗ or CA∗∗SR-∗-∗-∗” built-in resistor type. (Asterisks “ ∗ ” should be filled in from ORDERING INFORMATION.) RATING 1. Coil data Note: Other pick-up voltage types are also available. Please contact us for details. 2. Specifications 1) 12 V DC type Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS. Contact arrangement Coil voltage Mounting type Standard type Low operating power type Sealed type Dust cover type Sealed type Dust cover type Part No. Part No. Part No. Part No. 1 Form A 12 V DC Rubber bracket A CA1a-12V-A-5 CA1aF-12V-A-5 CA1aS-12V-A-5 CA1aFS-12V-A-5 Screw-mounting CA1a-12V-N-5 CA1aF-12V-N-5 CA1aS-12V-N-5 CA1aFS-12V-N-5 Direct coupling CA1a-12V-C-5 CA1aF-12V-C-5 CA1aS-12V-C-5 CA1aFS-12V-C-5 1 Form B 12 V DC Rubber bracket A CA1b-12V-A-5 CA1bF-12V-A-5 CA1bS-12V-A-5 CA1bFS-12V-A-5 Screw-mounting CA1b-12V-N-5 CA1bF-12V-N-5 CA1bS-12V-N-5 CA1bFS-12V-N-5 Direct coupling CA1b-12V-C-5 CA1bF-12V-C-5 CA1bS-12V-C-5 CA1bFS-12V-C-5 1 Form C 12 V DC Screw-mounting CA1-12V-N – – – Direct coupling CA1-12V-C – – – 24 V DC Screw-mounting CA1-24V-N – – – Direct coupling CA1-24V-C – – – Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal operating current [ ±10%] (at 20°C 68°F) Coil resistance [ ±10%] (at 20°C 68°F) Nominal operating power Usable voltage range Standard type 1 Form A and 1 Form B 12 V DC Max. 8 V DC 0.6 to 6 V DC 150 mA 80 Ω 1.8 W 10 to 16V DC Low operating power type 1 Form A and 1 Form B 12 V DC Max. 8 V DC 0.6 to 6 V DC 120 mA 100 Ω 1.4 W 10 to 16V DC 1 Form C 12 V DC Max. 8 V DC Min. 0.6 V DC 150 mA 80 Ω 1.8 W 10 to 15V DC 24 V DC Max. 16 V DC Min. 1.2 V DC 75 mA 320 Ω 1.8 W 20 to 30V DC Characteristics Item Specifications 1 Form A type 1 Form B type 1 Form C type Contact Arrangement 1 Form A 1 Form B 1 Form C Contact resistance (Initial) Typ 3m Ω (By voltage drop 6V DC 1A) Contact voltage drop Max. 0.3 V [(after electrical life test, by voltage drop 12 V DC 20 A (1.4 W type), 12 V DC 30 A (1.8 W type)] Max. 0.3 V (after electrical life test, by voltage drop 12 V DC 20 A) Max. 0.4 V (after electrical life test, by voltage drop 12 V DC 20 A) Contact material Ag alloy (Cadmium free) Rating Nominal switching capacity (resistive load) 20 A 12V DC (1.4 W type) 30 A 12V DC (1.8 W type) 20 A 12 V DC Max. carrying current (at coil applied voltage 14 V DC, 80 °C 176°F) 20 A continuous (1.4 W type) 30 A for 1 min. (1.8 W type) 20 A continuous 20 A continuous Nominal operating power 1.4 W/1.8 W 1.8 W Min. switching capacity (resistive load)*1 1 A 12V DC Electrical characteristics Insulation resistance (Initial) Min. 10 M Ω (at 500V DC) Min. 10 M Ω (at 500V DC) Breakdown voltage (Initial) Between open contacts 500 Vrms for 1 min. (Detection current: 10mA) Between contacts and coil 500 Vrms for 1 min. (Detection current: 10mA) Operate time (at 20 °C 68°F) Max. 10ms (at nominal voltage) (excluding contact bounce time) (Initial) Release time (at 20 °C 68°F) Max. 10ms (at nominal voltage) (excluding contact bounce time) (Initial) Mechanical characteristics Shock resistance Functional Min. 200 m/s2 {20G} (Half-wave pulse of sine wave: 11ms; detection time: 10 µs) Min. 100 m/s2 {10G} (Half-wave pulse of sine wave: 11ms; detection time: 10 µs) Destructive Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms) Vibration resistance Functional Rubber bracket A type: 50 Hz to 500 Hz, Min. 100 m/s2 {10G} Screw-mounting and direct coupling type: 33 Hz, Min. 44.1 m/s2 {4.5G} (Detection time: 10 µs) Destructive Rubber bracket A type: 50 Hz to 500 Hz, Min. 100 m/s2 {10G} Screw-mounting and direct coupling type: 33 Hz, Min. 44.1 m/s2 {4.5G}, Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours Expected life Electrical (at nominal switching capacity) Min. 105 (operating frequency: 2s ON, 2s OFF) (1.4 W and 1.8 W type at 20 A) Min. 2 × 104 (operating frequency: 3s ON, 15s OFF) (1.8 W type at 30 A) Min. 105 (operating frequency: 2s ON, 2s OFF) Mechanical Min. 106 (at 120 cpm) Min. 5 × 105 (at 120 cpm) Conditions Conditions for operation, transport and storage*2 Ambient temperature: –30 °C to +80°C –22°F to +176°F, Humidity: 5% R.H. to 85% R.H. (Not freezing and condensing at low temperature) Max. operating speed 15 cpm (1.4 W type: at nominal load, 1.8 W type: at 20 A) 15 cpm (at nominal switching capacity) Water-proof standard Water-proof standard Sealed type: JIS D 0203 S2, Dust cover type: JIS D 0203 R2 Mass Rubber bracket A type: 23 g .81 oz, Screw-mounting and direct coupling type: 19 g .67 oz 31 g 1.09 oz |
Podobny numer części - CA1BFS-12V-N-5 |
|
Podobny opis - CA1BFS-12V-N-5 |