Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6775MTR1PBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF6775MTR1PBF
Szczegółowy opis  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6775MTR1PBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF6775MTR1PBF Datasheet HTML 1Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 2Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 3Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 4Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 5Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 6Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 7Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 8Page - International Rectifier IRF6775MTR1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF4905S/L
2
www.irf.com
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-55
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.054 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
20
m
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
gfs
Forward Transconductance
19
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
-25
µA
–––
–––
-200
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Qg
Total Gate Charge
–––
120
180
Qgs
Gate-to-Source Charge
–––
32
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
53
–––
td(on)
Turn-On Delay Time
–––
20
–––
tr
Rise Time
–––
99
–––
td(off)
Turn-Off Delay Time
–––
51
–––
ns
tf
Fall Time
–––
64
–––
LS
Internal Source Inductance
–––
7.5
–––
nH
Between lead,
and center of die contact
Ciss
Input Capacitance
–––
3500
–––
Coss
Output Capacitance
–––
1250
–––
Crss
Reverse Transfer Capacitance
–––
450
–––
pF
Coss
Output Capacitance
–––
4620
–––
Coss
Output Capacitance
–––
940
–––
Coss eff.
Effective Output Capacitance
–––
1530
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
-42
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
-280
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.3
V
trr
Reverse Recovery Time
–––
61
92
ns
Qrr
Reverse Recovery Charge
–––
150
220
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = -25V, ID = -42A
ID = -42A
VDS = -44V
Conditions
VGS = -10V
e
VGS = 0V
VDS = -25V
ƒ = 1.0MHz
VGS = -20V
VGS = 20V
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = -42A, VGS = 0V e
TJ = 25°C, IF = -42A, VDD = -28V
di/dt = -100A/µs
e
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -42A
e
VDS = VGS, ID = -250µA
VDS = -55V, VGS = 0V
VDS = -44V, VGS = 0V, TJ = 125°C
VGS = 0V, VDS = -1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = -44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to -44V
f
VGS = -10V
e
VDD = -28V
ID = -42A
RG = 2.6 Ω


Podobny numer części - IRF6775MTR1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6775MTRPBF IRF-IRF6775MTRPBF Datasheet
235Kb / 10P
   DIGITAL AUDIO MOSFET
IRF6775MTRPBF IRF-IRF6775MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

Podobny opis - IRF6775MTR1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com