Zakładka z wyszukiwarką danych komponentów |
|
CB1F-T-M-24V Arkusz danych(PDF) 8 Page - Panasonic Semiconductor |
|
CB1F-T-M-24V Arkusz danych(HTML) 8 Page - Panasonic Semiconductor |
8 / 8 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ CB ASCTB220E 201208-T NOTES For general cautions for use, please refer to the “CAUTIONS FOR USE OF AUTOMOTIVE RELAYS” 5. High contact capacity type (1 Form A) (PC board type) External dimensions A* Sealed by epoxy resin 9.5 9.5 1.0 1.0 1.0 4.5 3 ×1.7 3 ×1.7 6.3 2 ×2.15 7 8 5 8 0 3 6 8 2 ×0.8 2 ×1.2 16.8 8.4 4.5 5.3 5.3 3.9 3.9 3.9 3.9 2.6 8.4 17.9 22.0 26.5 25.5 .331 2 ×.031 2 ×.047 .661 .331 .154 .154 .154 .154 .102 .705 .177 .209 .866 .374 .039 3 ×.067 .374 .039 .039 .177 3 ×.067 .248 2 ×.085 .209 1.043 1.004 Dimension: General tolerance Max. 1mm .039 inch: ±0.1 ±.004 1 to 3mm .039 to .118 inch: ±0.2 ±.008 Min. 3mm .118 inch: ±0.3 ±.012 * Intervals between terminals is measured at A surface level. Schematic (Bottom view) PC board pattern (Bottom view) Tolerance: ±0.1 ±.004 30 86 85 87 Including resistor type also available 30 87 85 86 2.6 1.4 3 ×1.8 3 ×1.8 3 ×2.15 3 ×2.15 16.8 8.4 7.8 8.4 17.9 7.8 .102 .055 3 ×.071 3 ×.071 3 ×.085 3 ×.085 .661 .331 .307 .331 .705 .307 CAD Data 1. Soldering Max. 350 °C 662°F (solder temperature), within 3 seconds (soldering time) The effect on the relay depends on the actual PC board used. Please verify the PC board to be used. 2. Usage, transport and storage conditions 1) Ambient temperature, humidity, and atmospheric pressure during usage, transport, and storage of the relay: (1) Temperature: –40 to +85 °C –40 to +185 °F (Standard type) –40 to +125 °C –40 to +257°F (High heat- resistant type) (2) Humidity: 2 to 85% RH (Avoid freezing and condensation.) (3) Atmospheric pressure: 86 to 106 kPa The humidity range varies with the temperature. Use within the range indicated in the graph below. (Temperature and humidity range for usage, transport, and storage) 85 5 2 110 85 0 –40 +230 125 +257 +185 +32 –40 Humidity, %RH Temperature, °C °F Tolerance range (Avoid condensation when used at temperatures higher than 0 °C 32°F) (Avoid freezing when used at temperatures lower than 0 °C 32°F) |
Podobny numer części - CB1F-T-M-24V |
|
Podobny opis - CB1F-T-M-24V |