Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD22M3494MQAZ Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części CD22M3494MQAZ
Szczegółowy opis  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494MQAZ Arkusz danych(HTML) 4 Page - Intersil Corporation

  CD22M3494MQAZ Datasheet HTML 1Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 2Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 3Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 4Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 5Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 6Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 7Page - Intersil Corporation CD22M3494MQAZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN2793.7
January 16, 2006
Difference in ON Resistance
Between Any Two Switches
∆rON
TA = -40°C to 85°C, VIN = VDD/2,
VX - VY = 0.2V, VDD = 12V
VSS = VEE = 0V, VDD = 12V
-
-
10
OFF-State Leakage Current
IL
|VX - VY| = 12V
-
-
±10
(Note 4)
µA
Electrical Specifications
TA = -40°C to 85°C, VDD = 12V, VSS = 0V, VEE = 0V, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Electrical Specifications
TA = 25°C, VSS = 0V, VEE = 0V, VDD = 14V, CL = 50pF, Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CROSSPOINTS
Switch I/O Capacitance
VIN = VDD/2, f = 1MHz
-
-
20
pF
Switch Feedthrough Capacitance
VIN = VDD/2, f = 1MHz
-
0.3
-
pF
Propagation Delay Time (Switch ON)
Signal Input to Output, tPHL or tPLH
-
5
30
ns
Frequency Response Channel ON
f = 20log (VX/VY) = -3dB
CL = 3pF, RL = 75Ω, VIN = 2VP-P
-
50
-
MHz
Total Harmonic, THD
VIN = 2VP-P, f = 1kHz
-
0.01
-
%
Feedthrough Channel OFF
Feedthrough = 20log (VX/VY) = FDT
VIN = 2VP-P, f = 1kHz
-
-95
-
dB
Frequency for Signal Crosstalk, fCT
Attenuation of:
40dB
VIN = 2VP-P, RL = 75Ω
-
10
-
MHz
110dB
VIN = 2VP-P, RL = 1kΩ || 10pF
-
5
-
kHz
Control Crosstalk
DATA-Input, ADDRESS,
or STROBE to Output
Control Input = 3VP-P
Square Wave, tR = tF = 10ns
RIN = 1K, ROUT = 10kΩ || 10pF
-
75
-
mVPEAK
Electrical Specifications
TA = 25°C, VSS = 0V, VEE = 0V, VDD = 14V, RL = 1kΩ || 50pF, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CONTROLS
Digital Input Capacitance
CIN
VIN = 5V, f = 1MHz
-
5
-
pF
Propagation Delay Time
STROBE to Output
Switch Turn-ON
tPSN
-
50
100
ns
Switch Turn-OFF
tPSF
-
50
100
ns
DATA-IN to Output
Turn-ON to High Level
tPZH
-
60
100
ns
Turn-ON to Low Level
tPZL
-
70
100
ns
ADDRESS to Output
Turn-ON to High Level
tPAN
-
70
-
ns
Turn-OFF to Low Level
tPAF
-
70
-
ns
CD22M3494


Podobny numer części - CD22M3494MQAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22M3494MQAZ INTERSIL-CD22M3494MQAZ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494MQAZ RENESAS-CD22M3494MQAZ Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

Podobny opis - CD22M3494MQAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com