Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ILC5062 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części ILC5062
Szczegółowy opis  SOT-23 Power Supply reset Monitor with 1% precision
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5062 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

  ILC5062 Datasheet HTML 1Page - Fairchild Semiconductor ILC5062 Datasheet HTML 2Page - Fairchild Semiconductor ILC5062 Datasheet HTML 3Page - Fairchild Semiconductor ILC5062 Datasheet HTML 4Page - Fairchild Semiconductor ILC5062 Datasheet HTML 5Page - Fairchild Semiconductor ILC5062 Datasheet HTML 6Page - Fairchild Semiconductor ILC5062 Datasheet HTML 7Page - Fairchild Semiconductor ILC5062 Datasheet HTML 8Page - Fairchild Semiconductor ILC5062 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. 2.2 8/14/02
8
PRODUCT SPECIFICATION
ILC5062
Ordering Information
PART
NUMBER
TOP
MARKING
RESET
THRESHOLD (V)
OUTPUT
TYPE
PACKAGE
PACKING
METHOD
ILC5062AM23X
C3AY
2.3 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM24X
C4AY
2.4 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM25X
C5AY
2.5 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM26X
C6AY
2.6 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM27X
C7AY
2.7 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM28X
C8AY
2.8 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM29X
C9AY
2.9 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM30X
D0AY
3.0 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM31X
D1AY
3.1 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM37X
D7AY
3.7 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM44X
E4AY
4.4 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062AM46X
E6AY
4.6 ± 1 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M23X
C3Y
2.3 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M24X
C4Y
2.4 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M25X
C5Y
2.5 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M26X
C6Y
2.6 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M27X
C7Y
2.7 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M28X
C8Y
2.8 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M29X
C9Y
2.9 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M30X
D0Y
3.0 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M31X
D1Y
3.1 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M37X
D7Y
3.7 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M44X
E4Y
4.4 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
ILC5062M46X
E6Y
4.6 ± 2 %
Push-Pull, active low
3-Pin, SOT23
3K units in T&R
Note 1: Last digit in the "Top Marking" information (represented by "Y" in the above table) represents internal assembly lot
number
Note 2: Orientation of Tape & Reeled devices is Right.


Podobny numer części - ILC5062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC5062 IMPALA-ILC5062 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-26 IMPALA-ILC5062AM-26 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-27 IMPALA-ILC5062AM-27 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-28 IMPALA-ILC5062AM-28 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062AM-29 IMPALA-ILC5062AM-29 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
More results

Podobny opis - ILC5062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com