Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

25A512TISN Arkusz danych(PDF) 8 Page - Microchip Technology

Numer części 25A512TISN
Szczegółowy opis  512 Kbit SPI Bus Serial EEPROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25A512TISN Arkusz danych(HTML) 8 Page - Microchip Technology

Back Button 25A512TISN Datasheet HTML 4Page - Microchip Technology 25A512TISN Datasheet HTML 5Page - Microchip Technology 25A512TISN Datasheet HTML 6Page - Microchip Technology 25A512TISN Datasheet HTML 7Page - Microchip Technology 25A512TISN Datasheet HTML 8Page - Microchip Technology 25A512TISN Datasheet HTML 9Page - Microchip Technology 25A512TISN Datasheet HTML 10Page - Microchip Technology 25A512TISN Datasheet HTML 11Page - Microchip Technology 25A512TISN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
25A512
DS22237C-page 8
Preliminary
 2010-2011 Microchip Technology Inc.
Read Sequence
The device is selected by pulling CS low. The 8-bit
READ
instruction is transmitted to the 25A512 followed
by the 16-bit address. After the correct READ instruction
and address are sent, the data stored in the memory at
the selected address is shifted out on the SO pin. The
data stored in the memory at the next address can be
read sequentially by continuing to provide clock pulses.
The internal Address Pointer is automatically incre-
mented to the next higher address after each byte of
data is shifted out. When the highest address is
reached (FFFFh), the address counter rolls over to
address 0000h allowing the read cycle to be continued
indefinitely. The READ instruction is terminated by rais-
ing the CS pin (Figure 2-1).
FIGURE 2-1:
READ SEQUENCE
SO
SI
SCK
CS
0
23456789 10 11
21 22 23 24 25 26 27 28 29 30 31
1
01
0
0
0
0
01
15 14 13 12
210
765
43210
Instruction
16-bit Address
Data Out
High-Impedance


Podobny numer części - 25A512TISN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
25A IRF-25A Datasheet
311Kb / 4P
   SCHOTTKY RECTIFIER
25A IRF-25A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
logo
Shunye Enterprise
25A SHUNYE-25A Datasheet
189Kb / 2P
   SOZA CELL
logo
Seiko Instruments Inc
25A010A SII-25A010A Datasheet
351Kb / 32P
   AUTOMOTIVE ELECTRIC COMPONENT
logo
Vishay Siliconix
25A11B010E VISHAY-25A11B010E Datasheet
71Kb / 2P
   Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
01-Jan-2022
More results

Podobny opis - 25A512TISN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
   Automotive 512-Kbit serial SPI bus EEPROM
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
   512-Kbit serial SPI bus EEPROM - 105 C operation
January 2015 Rev 1
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
   512 Kbit Serial I짰 Bus EEPROM
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
   512-Kbit serial I짼C bus EEPROM
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com