Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI510 Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części SI510
Szczegółowy opis  CRYSTAL OSCILLATOR 100 kHZ TO 250 MHZ
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI510 Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button SI510 Datasheet HTML 7Page - Silicon Laboratories SI510 Datasheet HTML 8Page - Silicon Laboratories SI510 Datasheet HTML 9Page - Silicon Laboratories SI510 Datasheet HTML 10Page - Silicon Laboratories SI510 Datasheet HTML 11Page - Silicon Laboratories SI510 Datasheet HTML 12Page - Silicon Laboratories SI510 Datasheet HTML 13Page - Silicon Laboratories SI510 Datasheet HTML 14Page - Silicon Laboratories SI510 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Si510/511
Rev. 1.1
11
Table 9. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
JA
Still air
110
°C/W
Table 10. Absolute Maximum Ratings1
Parameter
Symbol
Rating
Unit
Maximum Operating Temperature
TAMAX
85
oC
Storage Temperature
TS
–55 to +125
oC
Supply Voltage
VDD
–0.5 to +3.8
V
Input Voltage (any input pin)
VI
–0.5 to VDD + 0.3
V
ESD Sensitivity (HBM, per JESD22-A114)
HBM
2
kV
Soldering Temperature (Pb-free profile)2
TPEAK
260
oC
Soldering Temperature Time at TPEAK (Pb-free profile)2
TP
20–40
sec
Notes:
1.
Stresses beyond those listed in this table may cause permanent damage to the device. Functional operation or
specification compliance is not implied at these conditions. Exposure to maximum rating conditions for extended
periods may affect device reliability.
2.
The device is compliant with JEDEC J-STD-020.


Podobny numer części - SI510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI510-11 SILABS-SI510-11 Datasheet
1Mb / 26P
   2 to 4 week lead times
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
   SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
Si5100 SILABS-Si5100 Datasheet
115Kb / 2P
   Silicon Labs is pleased to announce rev 1.5 for the Si5100, Si5110 devices
SI5100-EVB SILABS-SI5100-EVB Datasheet
3Mb / 48P
   Evaluation Board Set for Si5100 and Si5110 OC-48/STM-16 SONET/SDH TRANSCEIVERS
More results

Podobny opis - SI510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
SI516 SKYWORKS-SI516 Datasheet
1Mb / 24P
   DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Epson ToYoCom
SG-3030LC EPSONTOYOCOM-SG-3030LC_10 Datasheet
215Kb / 1P
   CRYSTAL OSCILLATOR 32.768 kHz
logo
Micronetics, Inc.
NMA2011-A1D MICRONETICS-NMA2011-A1D Datasheet
295Kb / 2P
   Legacy 100 kHz to 1500 MHz
NMA2107-A1E MICRONETICS-NMA2107-A1E Datasheet
50Kb / 2P
   Legacy 1 kHz to 100 MHz
NMA2010-A2S MICRONETICS-NMA2010-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 1000 MHz
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 2000 MHz
NMA2107-A2S MICRONETICS-NMA2107-A2S Datasheet
163Kb / 2P
   Legacy 1 kHz to 100 MHz
NMA2010-A1D MICRONETICS-NMA2010-A1D Datasheet
295Kb / 2P
   Legacy 100 kHz to 1000 MHz
NMA2011-A2S MICRONETICS-NMA2011-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 1500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com