Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC101S021 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC101S021
Szczegółowy opis  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC101S021 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC101S021 Datasheet HTML 7Page - Texas Instruments ADC101S021 Datasheet HTML 8Page - Texas Instruments ADC101S021 Datasheet HTML 9Page - Texas Instruments ADC101S021 Datasheet HTML 10Page - Texas Instruments ADC101S021 Datasheet HTML 11Page - Texas Instruments ADC101S021 Datasheet HTML 12Page - Texas Instruments ADC101S021 Datasheet HTML 13Page - Texas Instruments ADC101S021 Datasheet HTML 14Page - Texas Instruments ADC101S021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
VIN
VA
2
GND
SAMPLING
CAPACITOR
SW1
-
+
CONTROL
LOGIC
CHARGE
REDISTRIBUTION
DAC
SW2
VIN
VA
2
ADC101S021
www.ti.com
SNAS307F – JULY 2005 – REVISED MARCH 2013
APPLICATIONS INFORMATION
ADC101S021 Operation
The ADC101S021 is a successive-approximation analog-to-digital converter designed around a charge-
redistribution digital-to-analog converter core. Simplified schematics of the ADC101S021 in both track and hold
modes are shown in Figure 16 and Figure 17, respectively. In Figure 16, the device is in track mode: switch SW1
connects the sampling capacitor to the input and SW2 balances the comparator inputs. The device is in this state
until CS is brought low, at which point the device moves to the hold mode.
Figure 17 shows the device in hold mode: switch SW1 connects the sampling capacitor to ground, maintaining
the sampled voltage, and switch SW2 unbalances the comparator. The control logic then instructs the charge-
redistribution DAC to add or subtract fixed amounts of charge from the sampling capacitor until the comparator is
balanced. When the comparator is balanced, the digital word supplied to the DAC is the digital representation of
the analog input voltage. The device moves from hold mode to track mode on the 13th rising edge of SCLK.
Figure 16. ADC101S021 in Track Mode
Figure 17. ADC101S021 in Hold Mode
Using the ADC101S021
The serial interface timing diagram for the ADC is shown in Figure 3. CS is chip select, which initiates
conversions on the ADC and frames the serial data transfers. SCLK (serial clock) controls both the conversion
process and the timing of serial data. SDATA is the serial data out pin, where a conversion result is found as a
serial data stream.
Basic operation of the ADC begins with CS going low, which initiates a conversion process and data transfer.
Subsequent rising and falling edges of SCLK will be labelled with reference to the falling edge of CS; for
example, "the third falling edge of SCLK" shall refer to the third falling edge of SCLK after CS goes low.
At the fall of CS, the SDATA pin comes out of TRI-STATE and the converter moves from track mode to hold
mode. The input signal is sampled and held for conversion on the falling edge of CS. The converter moves from
hold mode to track mode on the 13th rising edge of SCLK (see Figure 3). It is at this point that the interval for the
TACQ specification begins. In the worst case, 350ns must pass between the 13th rising edge and the next falling
edge of SCLK. The SDATA pin will be placed back into TRI-STATE after the 16th falling edge of SCLK, or at the
rising edge of CS, whichever occurs first. After a conversion is completed, the quiet time (tQUIET) must be
satisfied before bringing CS low again to begin another conversion.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC101S021


Podobny numer części - ADC101S021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC101S021 NSC-ADC101S021 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S021 TI-ADC101S021 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Podobny opis - ADC101S021

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC108S022 TI1-ADC108S022_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com