Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA33D18HFP-TR Arkusz danych(PDF) 10 Page - Rohm

Numer części BA33D18HFP-TR
Szczegółowy opis  Dual Output Fixed Output LDO Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA33D18HFP-TR Arkusz danych(HTML) 10 Page - Rohm

Back Button BA33D18HFP-TR Datasheet HTML 6Page - Rohm BA33D18HFP-TR Datasheet HTML 7Page - Rohm BA33D18HFP-TR Datasheet HTML 8Page - Rohm BA33D18HFP-TR Datasheet HTML 9Page - Rohm BA33D18HFP-TR Datasheet HTML 10Page - Rohm BA33D18HFP-TR Datasheet HTML 11Page - Rohm BA33D18HFP-TR Datasheet HTML 12Page - Rohm BA33D18HFP-TR Datasheet HTML 13Page - Rohm BA33D18HFP-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/15
BA3258HFP
BA33Dxx series
Datasheet
TSZ02201-0R6R0A600090-1-2
26.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Typical Performance Curves - continued
Fig.24
Output Voltage vs. Temperature
(3.3 V output)
Fig.25
Output Voltage vs. Temperature
(1.5 V output)
Fig.23
R.R. Characteristics
(ein = 1 VP-P, IO = 100 mA)
Vo2(1.5V output)
Vo1(3.3V output)
Fig.26
Circuit Current vs Temperature
(IO = 0 mA)


Podobny numer części - BA33D18HFP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
   Dual Low-Dropout Voltage Regulator
BA33D18HFP ROHM-BA33D18HFP Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA33D18HFP ROHM-BA33D18HFP Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
More results

Podobny opis - BA33D18HFP-TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com