Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDZ27J Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części TDZ27J
Szczegółowy opis  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDZ27J Arkusz danych(HTML) 1 Page - NXP Semiconductors

  TDZ27J Datasheet HTML 1Page - NXP Semiconductors TDZ27J Datasheet HTML 2Page - NXP Semiconductors TDZ27J Datasheet HTML 3Page - NXP Semiconductors TDZ27J Datasheet HTML 4Page - NXP Semiconductors TDZ27J Datasheet HTML 5Page - NXP Semiconductors TDZ27J Datasheet HTML 6Page - NXP Semiconductors TDZ27J Datasheet HTML 7Page - NXP Semiconductors TDZ27J Datasheet HTML 8Page - NXP Semiconductors TDZ27J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
General regulation functions
1.4 Quick reference data
[1]
Pulse test: tp  300 s;  0.02.
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
cathode 16 mm2.
2.
Pinning information
[1]
The marking bar indicates the cathode.
TDZxJ series
Single Zener diodes
Rev. 2 — 29 July 2011
Product data sheet
Non-repetitive peak reverse power
dissipation:
 180 W
Low differential resistance
Total power dissipation:
 500 mW
AEC-Q101 qualified
Very small plastic package suitable for
surface-mounted design
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =100 mA
[1] --
1.1
V
Ptot
total power dissipation
Tamb  25 C
[2] --
500
mW
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
006aaa152
2
1


Podobny numer części - TDZ27J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
TDZ27J NEXPERIA-TDZ27J Datasheet
997Kb / 12P
   Single Zener diodes
TDZ27J NEXPERIA-TDZ27J Datasheet
995Kb / 12P
   Single Zener diodes
Rev. 2 - 29 July 2011
More results

Podobny opis - TDZ27J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com