Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD02H0SK Arkusz danych(PDF) 9 Page - International Rectifier

Numer części SD02H0SK
Szczegółowy opis  10A Highly Integrated SupIRBuck Constant On.Time Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

SD02H0SK Arkusz danych(HTML) 9 Page - International Rectifier

Back Button SD02H0SK Datasheet HTML 5Page - International Rectifier SD02H0SK Datasheet HTML 6Page - International Rectifier SD02H0SK Datasheet HTML 7Page - International Rectifier SD02H0SK Datasheet HTML 8Page - International Rectifier SD02H0SK Datasheet HTML 9Page - International Rectifier SD02H0SK Datasheet HTML 10Page - International Rectifier SD02H0SK Datasheet HTML 11Page - International Rectifier SD02H0SK Datasheet HTML 12Page - International Rectifier SD02H0SK Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
9
IR3475 
10A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA 
 
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow,  
unless otherwise specified.
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
VIN = 12V
VIN = 8V
VIN = 19V
 
Figure 5: Efficiency vs. Load Current for VOUT = 1.05V 
0
50
100
150
200
250
300
350
02468
10
Load Current (A)
 
Figure 7: Switching Frequency vs. Load Current 
1.054
1.056
1.058
1.060
1.062
1.064
0
2
468
10
Load Current (A)
12VIN
8VIN
19VIN
 
Figure 9: Load Regulation 
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
10
Load Current (A)
VOUT = 1.05V; L = 1.5µH, 3.8mΩ
VOUT = 1.5V; L = 2.2µH, 6mΩ
VOUT = 3.3V; L = 3.3µH, 10.8mΩ
 
Figure 6: Efficiency vs. Load Current for VIN = 12V 
0
200
400
600
800
1000
1200
1400
200 250 300 350 400 450 500 550 600 650 700 750
Switching Frequency (kHz)
5.0 Vout
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
 
Figure 8: RFF vs. Switching Frequency  
1.054
1.056
1.058
1.060
1.062
1.064
8
9
10 11 12 13 14 15 16 17 18 19
Input Voltage (V)
 
Figure 10: Line Regulation at IOUT = 10A  


Podobny numer części - SD02H0SK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
SD02H0SK ITT-SD02H0SK Datasheet
283Kb / 3P
   Low Profile DIP Switches
logo
International Rectifier
SD02H0SK IRF-SD02H0SK Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
SD02H0SK IRF-SD02H0SK Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
SD02H0SK IRF-SD02H0SK Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
SD02H0SK IRF-SD02H0SK Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Podobny opis - SD02H0SK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com