Zakładka z wyszukiwarką danych komponentów |
|
BA3472YFVMC Arkusz danych(PDF) 7 Page - Rohm |
|
BA3472YFVMC Arkusz danych(HTML) 7 Page - Rohm |
7 / 32 page Datasheet www.rohm.com TSZ02201-0RAR1G200540-1-2 © 2012 ROHM Co., Ltd. All rights reserved. 7/29 20.DEC.2012 Rev.002 TSZ22111・15・00 BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C ●Electrical Characteristics ○BA3474W (Unless otherwise specified VCC=+15V, VEE=-15V) Parameter Symbol Temperature range Limits Unit Condition Min. Typ. Max. Input Offset Voltage *16 Vio full range - - 7.5 mV Vicm=0V, OUT=0V - - 7.5 VCC=5V VEE=0V Vicm=0V OUT=VCC/2 Input Offset Current *16 Iio 25℃ - 6 75 nA Vicm=0V, OUT=0V full range - - 100 Input Bias Current *17 Ib 25℃ - 100 150 nA Vicm=0V, OUT=0V full range - - 200 Supply Current ICC 25℃ - 8 10 mA RL=∞ full range - - 9 VCC=15V, RL=∞ - - 11 RL=∞ Maximum Output Voltage(High) VOH 25℃ 3.7 4 - V VCC=5V VEE=0V RL=2k Ω full range 3.5 - - 25℃ 13.7 14 - RL=10k Ω full range 13.5 - - 25℃ 13.5 - - RL=2k Ω Maximum Output Voltage(Low) VOL 25℃ - 0.1 0.3 V VCC=5V VEE=0V RL=2k Ω full range - - 0.6 - - 0.3 I sink=1mA 25℃ - -14.7 -14.3 RL=10k Ω full range - - -14.0 25℃ - - -13.5 RL=2k Ω Large Signal Voltage Gain Av 25℃ 80 100 - dB RL≧2k Ω, OUT=±10V full range 70 - - Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-2.0 V VCC=5V VEE=0V OUT=VCC/2 full range 0 - VCC-2.6 Common-mode Rejection Ratio CMRR 25℃ 60 97 - dB OUT=0V Power Supply Rejection Ratio PSRR 25℃ 60 97 - dB Vicm=0V, OUT=0V Output Source Current *18 Isource 25℃ 10 30 - mA VCC=5V VEE=0V IN+=1V IN-=0V OUT=0V Only 1ch is short circuit full range 10 - - Output Sink Current *18 Isink 25℃ 20 30 - mA VCC=5V VEE=0V IN+=0V IN-=1V OUT=5V Only 1ch is short circuit full range 20 - - Gain Band Width GBW 25℃ - 4 - MHz - Slew Rate SR 25℃ - 10 - V/ μs Av=1, IN=-10V to +10V RL=2k Ω full range 5 - - Channel Separation CS 25℃ - 120 - dB - *16 Absolute value *17 Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. *18 Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Podobny numer części - BA3472YFVMC |
|
Podobny opis - BA3472YFVMC |