Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7888 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7888
Szczegółowy opis  2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7888 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7888_10 Datasheet HTML 3Page - Analog Devices AD7888_10 Datasheet HTML 4Page - Analog Devices AD7888_10 Datasheet HTML 5Page - Analog Devices AD7888_10 Datasheet HTML 6Page - Analog Devices AD7888_10 Datasheet HTML 7Page - Analog Devices AD7888_10 Datasheet HTML 8Page - Analog Devices AD7888_10 Datasheet HTML 9Page - Analog Devices AD7888_10 Datasheet HTML 10Page - Analog Devices AD7888_10 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AD7888
–7–
CONTROL REGISTER
The Control Register on the AD7888 is an 8-bit, write-only register. Data is loaded from the DIN pin of the AD7888 on the rising
edge of SCLK. The data is transferred on the DIN line at the same time as the conversion result is read from the part. This requires
16 serial clocks for every data transfer. Only the information provided on the first 8 rising clock edges (after
CS falling edge) is loaded
to the Control Register. MSB denotes the first bit in the data stream. The bit functions are outlined in Table I. The default contents
of the Control Register on power-up is all zeros.
Table I. Control Register Bit Function Description
MSB
C
T
N
O
DO
R
E
Z2
D
D
A1
D
D
A0
D
D
AF
E
R1
M
P0
M
P
Bit
Mnemonic
Comment
7
DONTC
Don’t Care. The value written to this bit of the Control Register is a don’t care, i.e., it doesn’t matter if the bit is
0 or 1.
6
ZERO
A zero must be written to this bit to ensure correct operation of the AD7888.
5
ADD2
These three address bits are loaded at the end of the present conversion sequence and select which analog input
4
ADD1
channel is converted for the next conversion. The selected input channel is decoded as shown in Table II.
3
ADD0
2
REF
Reference Bit. With a 0 in this bit, the on-chip reference is enabled. With a 1 in this bit, the on-chip reference
is disabled. To obtain best performance from the AD7888, the internal reference should be disabled when
using an externally applied reference source. (See On-Chip Reference section.)
1, 0
PM1, PM0
Power Management Bits. These two bits decode the mode of operation of the AD7888 as shown in Table III.
PERFORMANCE CURVES
Figure 2 shows a typical FFT plot for the AD7888 at 100 kHz
sample rate and 10 kHz input frequency.
FREQUENCY – kHz
–10
0
48.83
12.21
24.41
36.62
–30
–50
–70
–90
–110
4096 POINT FFT
SAMPLING
100kSPS
fIN = 10kHz
SNR = 70dB
Figure 2. Dynamic Performance
Figure 3 shows a typical plot for the SNR vs. frequency for a
5 V supply and with a 5 V external reference.
71.0
0
42.14
73.0
72.5
72.0
71.5
10.89
31.59
VDD = 5V
5V EXT REFERENCE
21.14
INPUT FREQUENCY – kHz
Figure 3. SNR vs. Input Frequency
REV. C


Podobny numer części - AD7888_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
More results

Podobny opis - AD7888_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com