Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA4580YFVM Arkusz danych(PDF) 9 Page - Rohm

Numer części BA4580YFVM
Szczegółowy opis  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA4580YFVM Arkusz danych(HTML) 9 Page - Rohm

Back Button BA4580YFVM Datasheet HTML 5Page - Rohm BA4580YFVM Datasheet HTML 6Page - Rohm BA4580YFVM Datasheet HTML 7Page - Rohm BA4580YFVM Datasheet HTML 8Page - Rohm BA4580YFVM Datasheet HTML 9Page - Rohm BA4580YFVM Datasheet HTML 10Page - Rohm BA4580YFVM Datasheet HTML 11Page - Rohm BA4580YFVM Datasheet HTML 12Page - Rohm BA4580YFVM Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
9/45
11.Jan.2013 Rev.002
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
○BA2902, BA2902S (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*25 *26
Vio
25℃
-
2
7
mV
OUT=1.4V
Full range
-
-
10
VCC=5 to 30V, OUT=1.4V
Input Offset Voltage Drift
△Vio/△T
-
-
±7
-
μV/℃ OUT=1.4V
Input Offset Current
*25 *26
Iio
25℃
-
2
50
nA
OUT=1.4V
Full range
-
-
200
Input Offset Current Drift
△lio/△T-
-
±10
-
pA/℃ OUT=1.4V
Input Bias Current
*25 *26
Ib
25℃
-
20
250
nA
OUT=1.4V
Full range
-
-
250
Supply Current
*26
ICC
25℃
-
0.7
2
mA
RL=∞, All Op-Amps
Full range
-
-
3
Maximum Output Voltage(High)
*26
VOH
25℃
3.5
-
-
V
RL=2k
Full range
27
28
-
VCC=30V, RL=10k
Maximum Output Voltage(Low)
*26
VOL
Full range
-
5
20
mV
RL=∞, All Op-Amps
Large Signal Voltage Gain
Av
25℃
25
100
-
V/mV
RL≧2k
Ω, VCC=15V
OUT=1.4 to 11.4V
Input Common-mode Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
(VCC-VEE)=5V
OUT=VEE+1.4V
Common-mode Rejection Ratio
CMRR
25℃
50
80
-
dB
OUT=1.4V
Power Supply Rejection Ratio
PSRR
25℃
65
100
-
dB
VCC=5 to 30V
Output Source Current
*26 *27
Isource
25℃
20
30
-
mA
VIN+=1V, VIN-=0V
OUT=0V
1CH is short circuit
Full range
10
-
-
Output Sink Current
*26 *27
Isink
25℃
10
20
-
mA
VIN+=0V, VIN-=1V
OUT=5V, 1CH is short circuit
Full range
2
-
-
25℃
12
40
-
μA
VIN+=0V, VIN-=1V
OUT=200mV
Channel Separation
CS
25℃
-
120
-
dB
f=1kHz, input referred
Slew rate
SR
25℃
-
0.2
-
V/
μs
VCC=15V, Av=0dB
RL=2k
Ω, CL=100pF
Gain Band Width
GBW
25℃
-
0.5
-
MHz
VCC=30V, RL=2k
CL=100p
Input referred noise voltage
Vn
25℃
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100
Ω, Vi=0V, f=1kHz
*25 Absolute value
*26 BA2902S :Full range -40 to +105℃ ,BA2902 :Full range -40 to +125℃
*27 Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Podobny numer części - BA4580YFVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA4580YFVM ROHM-BA4580YFVM Datasheet
814Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4580YFVM-M ROHM-BA4580YFVM-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4580YFVM-MTR ROHM-BA4580YFVM-MTR Datasheet
814Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4580YFVME2 ROHM-BA4580YFVME2 Datasheet
814Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4580YFVMM ROHM-BA4580YFVMM Datasheet
814Kb / 30P
   Automotive Low Noise Operational Amplifiers
More results

Podobny opis - BA4580YFVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com