Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA3474WFVTR Arkusz danych(PDF) 8 Page - Rohm

Numer części BA3474WFVTR
Szczegółowy opis  Automotive High Speed Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA3474WFVTR Arkusz danych(HTML) 8 Page - Rohm

Back Button BA3474WFVTR Datasheet HTML 4Page - Rohm BA3474WFVTR Datasheet HTML 5Page - Rohm BA3474WFVTR Datasheet HTML 6Page - Rohm BA3474WFVTR Datasheet HTML 7Page - Rohm BA3474WFVTR Datasheet HTML 8Page - Rohm BA3474WFVTR Datasheet HTML 9Page - Rohm BA3474WFVTR Datasheet HTML 10Page - Rohm BA3474WFVTR Datasheet HTML 11Page - Rohm BA3474WFVTR Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
8/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
Description of Electrical Characteristics
Described below are descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also
shown. Note that item name and symbol and their meaning may differ from those on another manufacturer’s document or
general document.
1. Absolute maximum ratings
Absolute maximum rating items indicate the condition which must not be exceeded. Application of voltage in excess of absolute
maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics.
1.1 Power supply voltage (VCC-VEE)
Indicates the maximum voltage that can be applied between the positive power supply terminal and negative power
supply terminal without deterioration or destruction of characteristics of internal circuit.
1.2 Differential input voltage (Vid)
Indicates the maximum voltage that can be applied between non-inverting and inverting terminals without damaging
the IC.
1.3 Input common-mode voltage range (Vicm)
Indicates the maximum voltage that can be applied to the non-inverting and inverting terminals without deterioration
or destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure
normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics.
1.4 Power dissipation (Pd)
Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25℃
(normal temperature). As for package product, Pd is determined by the temperature that can be permitted by the IC in
the package (maximum junction temperature) and the thermal resistance of the package.
2. Electrical characteristics
2.1 Input offset voltage (Vio)
Indicates the voltage difference between non-inverting terminal and inverting terminals. It can be translated into the
input voltage difference required for setting the output voltage at 0 V.
2.2 Input offset current (Iio)
Indicates the difference of input bias current between the non-inverting and inverting terminals.
2.3 Input bias current (Ib)
Indicates the current that flows into or out of the input terminal. It is defined by the average of input bias currents at
the non-inverting and inverting terminals.
2.4 Circuit current (ICC)
Indicates the current that flows within the IC under specified no-load conditions.
2.5 High level output voltage/low level output voltage (VOH/VOL)
Indicates the voltage range of the output under specified load condition. It is typically divided into high-level output
voltage and low-level output voltage. High-level output voltage indicates the upper limit of output voltage while
Low-level output voltage indicates the lower limit.
2.6 Large signal voltage gain (Av)
Indicates the amplifying rate (gain) of output voltage against the voltage difference between non-inverting terminal
and inverting terminal. It is normally the amplifying rate (gain) with reference to DC voltage.
Av = (Output voltage fluctuation) / (Input offset fluctuation)
2.7 Input common-mode voltage range (Vicm)
Indicates the input voltage range where IC normally operates.
2.8 Common-mode rejection ratio (CMRR)
Indicates the ratio of fluctuation of input offset voltage when the input common mode voltage is changed. It is
normally the fluctuation of DC.
CMRR = (Change of Input common-mode voltage)/(Input offset fluctuation)
2.9 Power supply rejection ratio (PSRR)
Indicates the ratio of fluctuation of input offset voltage when supply voltage is changed. It is normally the fluctuation of
DC.
PSRR= (Change of power supply voltage)/(Input offset fluctuation)


Podobny numer części - BA3474WFVTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3474WFV-C ROHM-BA3474WFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
More results

Podobny opis - BA3474WFVTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
   Automotive High Speed Operational Amplifiers
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
   Operational Amplifiers: High Speed
BA83472YF-C ROHM-BA83472YF-C Datasheet
2Mb / 29P
   Automotive High Speed Excellent EMI Characteristics Operational Amplifiers
09.Nov.2020 Rev.003
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
[Old version datasheet]   High-Speed FET-Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
   High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274 Datasheet
198Kb / 15P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
   High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
STMicroelectronics
TS274C STMICROELECTRONICS-TS274C Datasheet
90Kb / 8P
   HIGH SPEED CMOS QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com