Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA4564WFV-E2 Arkusz danych(PDF) 1 Page - Rohm

Numer części BA4564WFV-E2
Szczegółowy opis  Low Noise Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA4564WFV-E2 Arkusz danych(HTML) 1 Page - Rohm

  BA4564WFV-E2 Datasheet HTML 1Page - Rohm BA4564WFV-E2 Datasheet HTML 2Page - Rohm BA4564WFV-E2 Datasheet HTML 3Page - Rohm BA4564WFV-E2 Datasheet HTML 4Page - Rohm BA4564WFV-E2 Datasheet HTML 5Page - Rohm BA4564WFV-E2 Datasheet HTML 6Page - Rohm BA4564WFV-E2 Datasheet HTML 7Page - Rohm BA4564WFV-E2 Datasheet HTML 8Page - Rohm BA4564WFV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/41
7.SEP.2012 Rev.002
TSZ22111・14・00
Datasheet
Slew Rate
Maximum Operation Temperature
Operational Amplifiers
Low Noise Operational Amplifiers
BA4560xxx, BA4560Rxxx, BA4564RFV, BA4564WFV
●General Description
Normal BA4560 and high-reliability BA4560R / BA4564R/BA4564W integrate two or four independent Op-Amps on a single
chip. Especially, this series is suitable for any audio applications due to low noise and low distortion characteristics and
there are usable for other many applications by wide operating supply voltage range.
BA4560R / BA4564R / BA4564W are high-reliability products with extended operating temperature range and high ESD
tolerance.
●Features
 High voltage gain, low noise, low distortion
 Wide operating supply voltage
 Internal ESD protection circuit
 Wide Operating Temperature Range
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.00mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
●Key Specification
 Wide Operating Supply Voltage
(split supply):±4V to ±15V
 Wide Temperature Range:
BA4560
-40°C to +85°C
BA4560R/BA4564R/BA4564W
-40°C to +105°C
 High Slew Rate:
4V/µs(typ.)
 Total Harmonic Distortion:
0.003%(typ.)
 Input Referred Noise Voltage:
8
Hz
nV/
(typ.)
 Low Offset Voltage:
BA4564W
2.5mV(max.)
●Selection Guide
●Block Diagram
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
+85°C
BA4560F
BA4560FJ
BA4560FV
BA4560FVT
BA4560FVM
Normal
Dual
4V/µs
BA4564RFV
BA4564WFV
BA4560RF
BA4560RFJ
BA4560RFV
BA4560RFVT
BA4560RFVM
+105°C
-IN
+IN
VOUT
VCC
VEE
Fig. 1 Simplified schematic
Dual
High Reliability
Quad
4V/µs
Slew Rate
4V/µs


Podobny numer części - BA4564WFV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA4564WFV-E2 ROHM-BA4564WFV-E2 Datasheet
3Mb / 52P
   Low Noise Operational Amplifiers
More results

Podobny opis - BA4564WFV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com