Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1204YCPZ-500RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG1204YCPZ-500RL7
Szczegółowy opis  Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1204YCPZ-500RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG1204YCPZ-500RL7 Datasheet HTML 5Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 6Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 7Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 8Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 9Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 10Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 11Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 12Page - Analog Devices ADG1204YCPZ-500RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1204
Rev. B | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
SOURCE OR DRAIN VOLTAGE (V)
200
180
160
140
120
100
60
80
0
20
40
–18 –15 –12
–9
–6
–3
3
9
15
06
12
18
TA = +25°C
VDD = +15V
VSS = –15V
VDD = +16.5V
VSS = –16.5V
VDD = +13.5V
VSS = –13.5V
Figure 4. On Resistance as a Function of VD (VS), Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
–5
–4
–3
–2
–1
2
4
01
3
5
VDD = +5.5V
VSS = –5.5V
TA = +25°C
Figure 5. On Resistance as a Function of VD (VS), Dual Supply
VDD = 13.2V
VSS = 0V
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
02
4
6
8
10
12
14
VDD = 12V
VSS = 0V
VDD = 10.8V
VSS = 0V
TA = 25°C
Figure 6. On Resistance as a Function of VD (VS), Single Supply
SOURCE OR DRAIN VOLTAGE (V)
250
150
200
0
50
100
–15
–10
–5
0
5
10
15
VDD = +15V
VSS = –15V
TA = +125°C
TA = +25°C
TA = +85°C
TA = –40°C
Figure 7. On Resistance as a Function of VD (VS) for Different
Temperatures, Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
600
400
500
300
200
0
100
02
4
6
8
10
12
VDD = +12V
VSS = 0V
TA = +125°C
TA = +25°C
TA = +85°C
TA = –40°C
Figure 8. On Resistance as a Function of VD (VS) for Different
Temperatures, Single Supply
TEMPERATURE (°C)
0.30
0.20
0.25
0.15
0.10
0.05
0
–0.05
–0.10
20
0
40
60
80
100
120
IS (OFF)
ID (OFF)
ID, IS (ON)
VDD = +16.5V
VSS = –16.5V
VBIAS = +10V/–10V
Figure 9. Leakage Currents as a Function of Temperature, Dual Supply


Podobny numer części - ADG1204YCPZ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1204YCP AD-ADG1204YCP Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
More results

Podobny opis - ADG1204YCPZ-500RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com