Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2576SX-ADJ Arkusz danych(PDF) 1 Page - Tiger Electronic Co.,Ltd

Numer części LM2576SX-ADJ
Szczegółowy opis  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TGS [Tiger Electronic Co.,Ltd]
Strona internetowa  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576SX-ADJ Arkusz danych(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM2576SX-ADJ Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576SX-ADJ Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM2576 Series
Description
The LM2576 series of regulators are monolithic integrated circuits that provide all the active functions for a step-down (buck) switching
regulator, capable of driving 3A load with excellent line and load regulation. These devices are available in fixed output voltages of 3.3V,
5V, 12V, 15V, and an adjustable output versions. Requiring a minimum number of external components, these regulators are simple to
use and include internal frequency compensation and a fixed-frequency oscillator. The LM2576 series offers a
high-efficiency replacement for popular three-terminal linear regulators. It substantially reduces the size of the heat sink, and in some
cases no heat sink is required. A standard series of inductors optimized for use with the LM2576 are available from several different
manufacturers. This feature greatly simplifies the design of switch-mode power supplies. Other features include a guaranteed ± 4%
tolerance on output voltage within specified input voltages and output load conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50µA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as
thermal shutdown for full protection under fault conditions.
Note:
Features
3.3V, 5V, 12V, 15V, and adjustable output versions
Adjustable version output voltage range
1.23V to 37V (57V for HV version) ± 4% max over line
and load conditions
Guaranteed 3A output current
Wide input voltage range, 40V up to 60V for HV
version
Requires only 4 external components
52 kHz fixed frequency oscillator
TTL shutdown capability, low power standby mode
High efficiency
Uses readily available standard inductors
Thermal shutdown and current limit protection
Applications
Simple high-efficiency step-down (buck) regulator
Efficient pre-regulator for linear regulators
On-card switching regulators
Positive to negative converter (Buck-Boost)
Typical application Figure 1.(Fixed Output Voltage Versions)
7V - 40V
(60V for HV)
UNREGULATED
+VIN
1
LM2576/
LM2576HV-
5.0
FEEDBACK
4
OUTPUT
2
L1
+5V
REGULATED
DC INPUT
+
3
GND
CIN
5 ON/OFF
100
H
D1
1N5822
+ COUT
1000
F
OUTPUT
3A
LOAD
1
TIGER ELECTRONICS CO.,LTD
TIGER ELECTRONIC CO.,LTD


Podobny numer części - LM2576SX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2576SX-ADJ NSC-LM2576SX-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576SX-ADJ ARTSCHIP-LM2576SX-ADJ Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
TECH PUBLIC Electronics...
LM2576SX-ADJ TECHPUBLIC-LM2576SX-ADJ Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
logo
Texas Instruments
LM2576SX-ADJ/NOPB TI1-LM2576SX-ADJ/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576SX-ADJ/NOPB TI1-LM2576SX-ADJ/NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
More results

Podobny opis - LM2576SX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2596 TI-LM2596 Datasheet
4Mb / 42P
[Old version datasheet]   monolithic integrated circuits that provide all the active functions for a step-down (buck) switching regulator, capable of driving a 3A load with excellent line and load regulation.
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
STMicroelectronics
AN1518 STMICROELECTRONICS-AN1518 Datasheet
837Kb / 30P
   The L5973D is a step-down monolithic power switching regulator capable
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
   3 A step-down monolithic switching regulator
January 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com