Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5350-EVALZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADL5350-EVALZ
Szczegółowy opis  LF to 4 GHz High Linearity Y-Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5350-EVALZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADL5350-EVALZ Datasheet HTML 6Page - Analog Devices ADL5350-EVALZ Datasheet HTML 7Page - Analog Devices ADL5350-EVALZ Datasheet HTML 8Page - Analog Devices ADL5350-EVALZ Datasheet HTML 9Page - Analog Devices ADL5350-EVALZ Datasheet HTML 10Page - Analog Devices ADL5350-EVALZ Datasheet HTML 11Page - Analog Devices ADL5350-EVALZ Datasheet HTML 12Page - Analog Devices ADL5350-EVALZ Datasheet HTML 13Page - Analog Devices ADL5350-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5350
Rev. 0 | Page 10 of 24
Supply voltage = 3 V, RF frequency = 850 MHz, IF frequency = 70 MHz, RF level = 0 dBm, LO level = 4 dBm, TA = 25°C, unless otherwise noted.
10
0
1
2
3
5
8
9
7
4
6
50
350
300
250
200
150
100
IF FREQUENCY (MHz)
Figure 21. Noise Figure vs. IF Frequency
18
16
14
12
10
8
6
4
2
0
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
–40°C
+25°C
+85°C
Figure 22. Supply Current vs. LO Level
20
18
16
14
12
10
8
6
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
–40°C
+25°C
+85°C
Figure 23. Conversion Loss vs. LO Level
27
25
23
21
19
17
15
13
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
–40°C
+25°C
+85°C
Figure 24. Input IP3 vs. LO Level
22
21
20
19
18
17
16
15
–6
12
10
8
6
4
2
0
–2
–4
LO LEVEL (dBm)
–40°C
+25°C
+85°C
Figure 25. Input P1dB vs. LO Level
12
11
10
9
8
7
6
5
4
–2
10
8
6
4
2
0
LO LEVEL (dBm)
Figure 26. Noise Figure vs. LO Level


Podobny numer części - ADL5350-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
More results

Podobny opis - ADL5350-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5350 AD-ADL5350 Datasheet
262Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
Rev. PrC
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com