Zakładka z wyszukiwarką danych komponentów |
|
1N5223B Arkusz danych(PDF) 6 Page - Yea Shin Technology Co., Ltd |
|
1N5223B Arkusz danych(HTML) 6 Page - Yea Shin Technology Co., Ltd |
6 / 10 page http://www.yeashin.com 6 REV.03 20121003 1N5221B~1N5281B DEVICE CHARACTERISTICS +12 +10 +8 +6 +4 +2 0 -2 -4 89 VZ , ZENER VOLTAGE (VOLTS) Figure 4a. Range for Units to 12 Volts VZ @IZT (NOTE 2) RANGE TEMPERATURE COEFFICIENTS (-55 °C to +150°C temperature range; 90% of the units are in the ranges indicated.) 100 70 50 30 20 10 7 5 3 2 1 2 6 10 20 30 50 70 100 VZ , ZENER VOLTAGE (VOLTS) Figure 4b. Range for Units 12 to 100 Volts RANGE VZ @IZ (NOTE 2) 120 130 140 150 160 170 180 190 200 200 180 160 140 120 100 VZ , ZENER VOLTAGE (VOLTS) Figure 4c. Range for Units 120 to 200 Volts VZ @ IZT (NOTE 2) +6 +4 +2 0 -2 -4 34 VZ , ZENER VOLTAGE (VOLTS) Figure 5. Effect of Zener Current NOTE: BELOW 3 VOLTS AND ABOVE 8 VOL TS NOTE: CHANGES IN ZENER CURRENT DO NOT NOTE: AFFECT TEMPERATURE COEFFICIENTS 1mA 0.01mA VZ @ IZ TA= 25 °C 1000 500 200 100 50 20 10 5 2 1 1 2 5 10 20 50 100 VZ, ZENER VOLTAGE (VOLTS) Figure 6a. Typical Capacitance 2.4-100 Volts TA = 25 ° C 0V BIAS 1V BIAS 50% OF VZ BIAS 100 70 50 30 20 10 7 5 3 2 1 120 140 160 180 190 200 220 VZ, ZENER VOLTAGE (VOLTS) Figure 6b. Typical Capacitance 120-200 Volts T= 2 5 °C 1 VOLT BIAS 50% OF V BIAS 0 BIAS 20mA 3 45 710 11 12 5 6 7 8 |
Podobny numer części - 1N5223B |
|
Podobny opis - 1N5223B |