Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5235B Arkusz danych(PDF) 3 Page - Yea Shin Technology Co., Ltd

Numer części 1N5235B
Szczegółowy opis  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5235B Arkusz danych(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1N5235B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5235B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
http://www.yeashin.com
3
REV.03 20121003
1N5221B~1N5281B
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.1 V Max @ IF = 200mA for all types)
Zener Voltage (Note 7.)
Zener Impedance (Note 8.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
θ
VZ
(Note 9.)
Device
(Note 6.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω)
(mA)
(
µA)
(Volts)
(%/ºC)
1N5236B
1N5236B
7.125
7.5
7.875
20
6
500
0.25
3
6
+0.058
1N5237B
1N5237B
7.79
8.2
8.61
20
8
500
0.25
3
6.5
+0.062
1N5238B
1N5238B
8.265
8.7
9.135
20
8
600
0.25
3
6.5
+0.065
1N5239B
1N5239B
8.645
9.1
9.555
20
10
600
0.25
3
7
+0.068
1N5240B
1N5240B
9.5
10
10.5
20
17
600
0.25
3
8
+0.075
1N5241B
1N5241B
10.45
11
11.55
20
22
600
0.25
2
8.4
+0.076
1N5242B
1N5242B
11.4
12
12.6
20
30
600
0.25
1
9.1
+0.077
1N5243B
1N5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
1N5244B
1N5244B
13.3
14
14.7
9
15
600
0.25
0.1
10
+0.082
1N5245B
1N5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
1N5246B
1N5246B
15.2
16
16.8
7.8
17
600
0.25
0.1
12
+0.083
1N5247B
1N5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
1N5248B
1N5248B
17.1
18
18.9
7
21
600
0.25
0.1
14
+0.085
1N5249B
1N5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
1N5250B
1N5250B
19
20
21
6.2
25
600
0.25
0.1
15
+0.086
1N5251B
1N5251B
20.9
22
23.1
5.6
29
600
0.25
0.1
17
+0.087
1N5252B
1N5252B
22.8
24
25.2
5.2
33
600
0.25
0.1
18
+0.088
1N5253B
1N5253B
23.75
25
26.25
5
35
600
0.25
0.1
19
+0.089
1N5254B
1N5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.09
1N5255B
1N5255B
26.6
28
29.4
4.5
44
600
0.25
0.1
21
+0.091
1N5256B
1N5256B
28.5
30
31.5
4.2
49
600
0.25
0.1
23
+0.091
1N5257B
1N5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
1N5258B
1N5258B
34.2
36
37.8
3.4
70
700
0.25
0.1
27
+0.093
1N5259B
1N5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
1N5260B
1N5260B
40.85
43
45.15
3
93
900
0.25
0.1
33
+0.095
1N5261B
1N5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
1N5262B
1N5262B
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
+0.096
1N5263B
1N5263B
53.2
56
58.8
2.2
150
1300
0.25
0.1
43
+0.096
1N5264B
1N5264B
57
60
63
2.1
170
1400
0.25
0.1
46
+0.097
1N5265B
1N5265B
58.9
62
65.1
2
185
1400
0.25
0.1
47
+0.097
6. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
7. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30
°C
±1°C and 3/8” lead length.
8. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits
are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
9. TEMPERATURE COEFFICIENT (
θ
VZ)
Test conditions for temperature coefficient are as follows:
A. IZT = 7.5mA, T1 = 25
°C, T
2 = 125
°C (1N5221B through 1N5242B)
B. IZT = Rated IZT, T1 = 25
°C, T
2 = 125
°C (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient
temperature.


Podobny numer części - 1N5235B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N5235B VISHAY-1N5235B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5235B MCC-1N5235B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5235B TGS-1N5235B Datasheet
264Kb / 3P
   Zener diode
logo
Tak Cheong Electronics ...
1N5235B TAK_CHEONG-1N5235B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5235B VISHAY-1N5235B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Podobny opis - 1N5235B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com