Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7380PBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF7380PBF
Szczegółowy opis  High frequency DC-DC converters Lead-Free
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7380PBF Arkusz danych(HTML) 6 Page - International Rectifier

  IRF7380PBF Datasheet HTML 1Page - International Rectifier IRF7380PBF Datasheet HTML 2Page - International Rectifier IRF7380PBF Datasheet HTML 3Page - International Rectifier IRF7380PBF Datasheet HTML 4Page - International Rectifier IRF7380PBF Datasheet HTML 5Page - International Rectifier IRF7380PBF Datasheet HTML 6Page - International Rectifier IRF7380PBF Datasheet HTML 7Page - International Rectifier IRF7380PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7380PbF
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
0
40
80
120
160
200
ID
TOP
BOTTOM
1.0A
1.8A
2.2A
0
5
10
15
20
25
30
ID , Drain Current (A)
50
55
60
65
70
75
80
85
90
95
VGS = 10V
3.0
5.0
7.0
9.0
11.0
13.0
15.0
VGS, Gate -to -Source Voltage (V)
0
100
200
300
400
500
600
700
800
ID = 3.6A
Starting TJ, Junction Temperature (°C)


Podobny numer części - IRF7380PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7380PBF IRF-IRF7380PBF Datasheet
136Kb / 8P
   HEXFET짰Power MOSFET
IRF7380PBF IRF-IRF7380PBF Datasheet
232Kb / 8P
   High frequency DC-DC converters
IRF7380PBF-1 IRF-IRF7380PBF-1 Datasheet
210Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7380PBF-1 IRF-IRF7380PBF-1_15 Datasheet
210Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7380PBF IRF-IRF7380PBF_15 Datasheet
232Kb / 8P
   High frequency DC-DC converters
More results

Podobny opis - IRF7380PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7465PBF IRF-IRF7465PBF Datasheet
133Kb / 8P
   High frequency DC-DC converters, Lead-Free
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com