Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3131D2 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3131D2
Szczegółowy opis  4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3131D2 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA3131D2 Datasheet HTML 1Page - Texas Instruments TPA3131D2 Datasheet HTML 2Page - Texas Instruments TPA3131D2 Datasheet HTML 3Page - Texas Instruments TPA3131D2 Datasheet HTML 4Page - Texas Instruments TPA3131D2 Datasheet HTML 5Page - Texas Instruments TPA3131D2 Datasheet HTML 6Page - Texas Instruments TPA3131D2 Datasheet HTML 7Page - Texas Instruments TPA3131D2 Datasheet HTML 8Page - Texas Instruments TPA3131D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LC Filter
LC Filter
Left
Right
4.5V-26V
PSU
Audio Source
Left
Right
Audio Processor
And control
TPA3131D2
TPA3132D2
AM/FM Avoidance
Control
FAULTZ
SDZ
MUTE
Sync
Capable of synchronizing to other devices
GAIN / SLV
GAIN control and Master/Slave setting
AM2,1,0
PLIMIT
Power Limit
PBTL
Detect
TPA3131D2
TPA3132D2
www.ti.com
SLOS841 – JULY 2013
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
Check for Samples: TPA3131D2, TPA3132D2
1
FEATURES
DESCRIPTION
The
TPA3131/32D2
are
efficient,
stereo
digital
2
Supports Multiple Output Configurations
amplifier power stages for driving speakers with up to
2×4-W into a 8-
Ω BTL Load at 7.4 V
2x42W/4
Ω peak power. TPA3131/32D2 operates
(TPA3131D2)
heatsink-free with cooling to PCB through the bottom
2×25-W into a 8-
Ω BTL Load at 19 V
side Power-Pad with sustained output power from
2x4W/8
Ω (TPA3131D2) to 2x25W/8Ω (TPA3132D2).
(TPA3132D2)
Wide Voltage Range: 4.5 V – 26 V
The TPA3131/32D2 advanced oscillator/PLL circuit
employs a multiple switching frequency option to
Automotive Load-Dump Compliant
avoid AM interferences; this is achieved together with
Efficient Class-D Operation
an option of Master/Slave option, making it possible
>90% Power Efficiency Combined with Low
to synchronize multiple devices.
Idle Loss for Heat Sink free Operation
The TPA3131/32D2 are fully protected against faults
Advanced Modulation Schemes
with short-circuit protection and thermal protection as
Multiple Switching Frequencies
well
as
over-voltage,
under-voltage
and
DC
protection. Faults are reported back to the processor
AM Avoidance
to prevent devices from being damaged during
Master/Slave Synchronization
overload conditions.
Up to 1.2 MHz Switching Frequency
For feature compatible devices see: Power Pad up
Feedback Power Stage Architecture with High
device 2x50W TPA3116D2, Power Pad down 2x15W
PSRR Reduces PSU Requirements
TPA3130D2 and 2x30W TPA3118D2.
Programmable Power Limit
Simplified Application Circuit
Differential/Single-Ended Inputs
Stereo and Mono Mode with Single Filter Mono
Configuration
Single Power Supply Reduces Component
Count
Integrated Self-Protection Circuits Including
Over-Voltage, Under-Voltage, Over-
Temperature, DC-Detect, and Short Circuit
with Error Reporting
Thermally Enhanced Package
32-Pin QFN Pad-Down
DEVICE
POWER
QFN 32-PIN
–40°C to 85°C Ambient Temperature Range
TPA3131D2
2 x 4W/8
Ω
Pad down
TPA3132D2
2 x 25W/8
Ω
Pad down
APPLICATIONS
Laptop Computers and Ultrabooks
Flatpanel TV
Consumer Audio Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA3131D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2RHBR TI1-TPA3131D2RHBR Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2RHBT TI1-TPA3131D2RHBT Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Podobny opis - TPA3131D2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Nuvoton Technology Corp...
NAU8223 NUVOTON-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU8223 ETC2-NAU8223 Datasheet
1,013Kb / 23P
   3.1W Stereo Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com