Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF9395MPBF Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF9395MPBF
Szczegółowy opis  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF9395MPBF Arkusz danych(HTML) 4 Page - International Rectifier

  IRF9395MPBF Datasheet HTML 1Page - International Rectifier IRF9395MPBF Datasheet HTML 2Page - International Rectifier IRF9395MPBF Datasheet HTML 3Page - International Rectifier IRF9395MPBF Datasheet HTML 4Page - International Rectifier IRF9395MPBF Datasheet HTML 5Page - International Rectifier IRF9395MPBF Datasheet HTML 6Page - International Rectifier IRF9395MPBF Datasheet HTML 7Page - International Rectifier IRF9395MPBF Datasheet HTML 8Page - International Rectifier IRF9395MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com
IRF9395MTRPbF
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
ID = -14A
VGS = -10V
VGS = -4.5V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
VGS
TOP
-10V
-5.0V
-4.5V
-3.5V
-3.3V
-3.0V
-2.8V
BOTTOM
-2.6V
≤60µs PULSE WIDTH
Tj = 25°C
-2.6V
0.1
1
10
100
-VDS, Drain-to-Source Voltage (V)
1
10
100
1000
-2.6V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
-10V
-5.0V
-4.5V
-3.5V
-3.3V
-3.0V
-2.8V
BOTTOM
-2.6V
1
2
3
4
5
-VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = -15V
≤60µs PULSE WIDTH
1
10
100
-VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 KHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
25
50
75
100
125
-ID, Drain Current (A)
2
6
10
14
18
22
26
30
34
38
TJ = 25°C
Vgs = -4.5V
Vgs = -6.0V
Vgs = -8.0V
Vgs = -10V
Vgs = -12V


Podobny numer części - IRF9395MPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

Podobny opis - IRF9395MPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com