Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM27151R-5.0 Arkusz danych(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Numer części LM27151R-5.0
Szczegółowy opis  1.5A Very L.D.O Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM27151R-5.0 Arkusz danych(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM27151R-5.0 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM27151R-5.0 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1.5A Very L.D.O Voltage Regulator
LM27150/27151/27152
Dec. 2011 – Rev.1.3.1
- 7
-
HTC
Reference LM27152
VREF
Reference Voltage
1.228
1.215
1.24
1.252
1.265
V
(Note 6)
1.203
1.277
V
IADJ
Adjust Pin Bias Current
40
80
120
nA
Reference Voltage Temp.
Coefficient
(Note 2)
20
ppm/℃
Adjust Pin Bias Current
Temp. Coefficient
0.1
nA/℃
Enable Input LM27151 / LM27152
VEN
Enable Input Voltage
Logic Low (Off)
Logic High (On)
2.4
0.8
V
IEN
Enable Pin Input Current
VEN =26V
100
600
750
μA
VEN =0.8V
2.5
5
μA
Regulator Output Current
Shutdown
(Note 7)
10
500
μA
Note 1. Employ pulse-testing procedures to minimize temperature rise
Note 2. Output Voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 3. Dropout Voltage is defined as the input-to-output differential when the Output Voltage drops to 99% of its nominal value with
V+1V applied to VOUTIN. For Output Voltages below 2.3V the Dropout Voltage is the input-to-output voltage differential with the minimum
input voltage being 2.3V. The minimum input operation voltage is 2.3V.
Note 4. GND pin current is the regulator quiescent current. The total current drawn from the source is a sum of the load current plus the
GND pin current.
Note 5. For specified VOUT ≥2.5V.
Note 6. V≤VREFOUT≤(VIN-1V), 2.3V≤VIN≤26V, 10mA≤I≤1.5A, TLJ<TJ MAX.
Note 7. VEN ≤0.8V and VIN ≤26V, V=0
Note 8. When used in dual supply systems, where the regulator load is returned to a negative supply, the output voltage must be diode-
clamped to ground.


Podobny numer części - LM27151R-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2715 NSC-LM2715 Datasheet
752Kb / 20P
   TFT Panel Module
LM2715 NSC-LM2715 Datasheet
1Mb / 22P
   TFT Panel Module
LM2715MT-ADJ NSC-LM2715MT-ADJ Datasheet
752Kb / 20P
   TFT Panel Module
LM2715MT-ADJ NSC-LM2715MT-ADJ Datasheet
1Mb / 22P
   TFT Panel Module
LM2715MTX-ADJ NSC-LM2715MTX-ADJ Datasheet
752Kb / 20P
   TFT Panel Module
More results

Podobny opis - LM27151R-5.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
   1A L.D.O. VOLTAGE REGULATOR
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com