Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA33JC5T Arkusz danych(PDF) 8 Page - Rohm

Numer części BA33JC5T
Szczegółowy opis  1.5A Variable/Fixed Output LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA33JC5T Arkusz danych(HTML) 8 Page - Rohm

Back Button BA33JC5T Datasheet HTML 4Page - Rohm BA33JC5T Datasheet HTML 5Page - Rohm BA33JC5T Datasheet HTML 6Page - Rohm BA33JC5T Datasheet HTML 7Page - Rohm BA33JC5T Datasheet HTML 8Page - Rohm BA33JC5T Datasheet HTML 9Page - Rohm BA33JC5T Datasheet HTML 10Page - Rohm BA33JC5T Datasheet HTML 11Page - Rohm BA33JC5T Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●I/O equivalence circuit
●Power Dissipation
• TO220FP-3/TO220FP-5
The characteristics of the IC are greatly influenced by the operating temperature. If the temperature exceeds the maximum
junction temperature Tjmax, deterioration or damage may occur. Implement proper thermal designs to ensure that power
dissipation is within the permissible range in order to prevent instantaneous damage resulting from heat and maintain the
reliability of the IC for long-term operation.
The following method is used to calculate the power consumption Pc (W):
Pc = (Vcc – Vo)
× Io + Vcc × Icca
Power dissipation Pd
≥ Pc
The load current Io is calculated:
Calculation Example:
Vcc = 6.0V and Vo = 5.0V at Ta = 85℃
31k
Ω
2k
Ω
27k
Ω
CTL
Vcc
R2
R1
Vcc
OUT
* For the BA00JC5WT, connect R1 and R2
externally between the ADJ and GND pins
and between the OUT and ADJ pins.
Equation: VO = Vc × (R1 + R2) / R1
(Vc = 1.25V (Typ.))
The recommended R1 value is approximately
30 k
Ω to 150 kΩ.
Fig.15
Fig.16
θja = 62.5°C/W → −16.0mW/°C
25°C = 2000mW
→ 85°C = 1040mW
Vcc : Input voltage
Vo
: Output current
IO
: Load current
Icca : Circuit current
Io
≤ 860mA (Icca
≈ 30mA)
Fig.17
0
15
25
20
10
5
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
(1)20.0
(2)2.0
(2) During IC without heat sink operation.
θj-a = 62.5 (°C/W)
(1) When using an infinite heat sink.
θj-c = 6.25 (°C/W)
Io
Pd
− Vcc
× Icca
Vcc
− Vo
1.040
− 6.0
× Icca
6.0
− 5.0
Io


Podobny numer części - BA33JC5T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA33JC5T ROHM-BA33JC5T Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA33JC5T ROHM-BA33JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Podobny opis - BA33JC5T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com